Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE7104 Datasheet (PDF) - Pasternack Enterprises, Inc.

PE7104 Datasheet PDF - Pasternack Enterprises, Inc.
Part # PE7104
Download  PE7104 Download
File Size   232.57 Kbytes
Page   1 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description SMA FEMALE COAXIAL SWITCH FREQUENCY RANGE: 10MHz TO 1 GHz SWITCH TYPE:SPST

PE7104 Datasheet (PDF)

Go To PDF Page Download Datasheet
PE7104 Datasheet PDF - Pasternack Enterprises, Inc.

Part # PE7104
Download  PE7104 Click to download

File Size   232.57 Kbytes
Page   1 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description SMA FEMALE COAXIAL SWITCH FREQUENCY RANGE: 10MHz TO 1 GHz SWITCH TYPE:SPST

PE7104 Datasheet (HTML) - Pasternack Enterprises, Inc.




Similar Part No. - PE7104

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7100 PASTERNACK-PE7100 Datasheet
86Kb / 1P
BNC FEMALE A/B COAXIAL SWITH FREQUENCY RANGE DC TO 1,000MHz
PE7100 PASTERNACK-PE7100 Datasheet
343Kb / 3P
A/B Coaxial Electromechanical Relay Switch
PE7100 PASTERNACK-PE7100_16 Datasheet
343Kb / 3P
A/B Coaxial Electromechanical Relay Switch
PE7101 PASTERNACK-PE7101 Datasheet
115Kb / 1P
75 OHM BNC FEMALE A/B COAXIAL SWITCH FREQUENCY RANGE DC TO 1,000 MHz
PE7101 PASTERNACK-PE7101 Datasheet
338Kb / 3P
75 Ohm A/B Coaxial Electromechanical Relay Switch
More results


Similar Description - PE7104

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7103 PASTERNACK-PE7103 Datasheet
117Kb / 1P
SMA FEMALE,COAXIAL SWITCH FREQUENCY RANGE: 10MHz to 1GHz SWITCH TYPE: SPST
PE7105 PASTERNACK-PE7105 Datasheet
232Kb / 1P
SMA FEMALE COAXIAL SWITCH FREQUENCY RANGE: 1GHz 2GHz SWITCH TYPE:SPST
PE7107 PASTERNACK-PE7107 Datasheet
231Kb / 1P
SMA FEMALE, COAXIAL SWITCH FREQUENCY RANGE: 2GHz TO 4 GHZ SWITCH TYPE:SPST
PE7109 PASTERNACK-PE7109 Datasheet
233Kb / 1P
SMAL FEMALE COAXIAL SWITHCH FREQUENCY RANGE: 8GHz TO 12 GHz SWITCH TYPE:SPST
PE7110 PASTERNACK-PE7110 Datasheet
234Kb / 1P
SMA FEMALE,COAXIAL SWITCH FREQUENCY RANGE: 12GHz to 18 GHz SWITCH TYPE:SPST
PE7118 PASTERNACK-PE7118 Datasheet
247Kb / 1P
SMA FEMALE, COXIAL SWITCH FREQUENCY RANGE: 10MHz TO 1 GHz SWITCH TYPE:SP3T
PE7120 PASTERNACK-PE7120 Datasheet
250Kb / 1P
SMA FEMALE,COAXIAL SWITCH FREQUENCY RANGE: 1GHz TO 18 GHz SWITCH TYPE:SP3T
PE7125 PASTERNACK-PE7125 Datasheet
129Kb / 1P
SMA FEMALE COAXIAL SWITCH FREQUENCY RANGE: 10MHz TO 1GHz SWITCH TYPE:SP4T
PE7126 PASTERNACK-PE7126 Datasheet
132Kb / 1P
SMA FEMALE COAXIAL SWITCH FREQUENCY RANGE: 1 GHz TO 2 GHz SWITCH TYPE :SP4T
PE7127 PASTERNACK-PE7127 Datasheet
156Kb / 1P
SMA FEMALE, COAXIAL SWITCH FREQUENCY RANGE: 1 GHz TO 18 GHz SWITCH TYPE:SP4T
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com