Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP777 Datasheet (PDF) - Analog Devices

OP777 Datasheet PDF - Analog Devices
Part # OP777
Download  OP777 Download
File Size   162.01 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Precision Micropower Single Supply Operational Amplifier

OP777 Datasheet (PDF)

Go To PDF Page Download Datasheet
OP777 Datasheet PDF - Analog Devices

Part # OP777
Download  OP777 Click to download

File Size   162.01 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Precision Micropower Single Supply Operational Amplifier

OP777 Datasheet (HTML) - Analog Devices


OP777 Product details

GENERAL DESCRIPTION

The OP777 , OP727 , and OP747 are precision single , dual, and quad rail-to-rail output single- supply amplifiers featuring micropower operation and rail-to-rail output ranges. These amplifier s provide improved performance over the industry -standard OP07 with ±15 V supplies , and offer the further advantage of true single -supply operation down to V , and smaller package options than any other high-voltage precision bipolar amplifier.



FEATURES

Low Offset Voltage: 100 V Max

Low Input Bias Current: 10 nA Max

Single-Supply Operation:  V to 30 V

Dual-Supply Operation:  V to 15 V

Low Supply Current: 300A/Amp Max

Unity Gain Stable

No Phase Reversal



APPLICATIONS

Current Sensing (Shunt)

Line or Battery-Powered Instrumentation

Remote Sensors

Precision Filters

OP727 SOIC Pin-Compatible with LT1013




Similar Part No. - OP777

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP777 AD-OP777 Datasheet
596Kb / 20P
Low Power, Precision Rail-to-Rail Output Op Amp
Rev. D
OP777AR AD-OP777AR Datasheet
194Kb / 16P
Precision Micropower Single-Supply Operational Amplifiers
OP777AR AD-OP777AR Datasheet
177Kb / 16P
Precision Micropower Single-Supply Operational Amplifiers
REV. C
OP777ARM AD-OP777ARM Datasheet
194Kb / 16P
Precision Micropower Single-Supply Operational Amplifiers
OP777ARM AD-OP777ARM Datasheet
177Kb / 16P
Precision Micropower Single-Supply Operational Amplifiers
REV. C
More results


Similar Description - OP777

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6061 NSC-LMC6061 Datasheet
312Kb / 12P
Precision CMOS Single Micropower Operational Amplifier
logo
Analog Devices
OP727 AD-OP727 Datasheet
194Kb / 16P
Precision Micropower Single-Supply Operational Amplifiers
OP727ARUZ AD-OP727ARUZ Datasheet
211Kb / 16P
Precision Micropower Single-Supply Operational Amplifiers
REV. D
OP727ARZ AD-OP727ARZ Datasheet
177Kb / 16P
Precision Micropower Single-Supply Operational Amplifiers
REV. C
OP747ARZ AD-OP747ARZ Datasheet
211Kb / 16P
Precision Micropower Single-Supply Operational Amplifiers
REV. D
logo
National Semiconductor ...
LMC6061 NSC-LMC6061_14 Datasheet
1Mb / 21P
PRECISION CMOS SINGLE MICROPOWER OPERATIONAL AMPLIFIER
logo
Analog Devices
OP727 AD-OP727_15 Datasheet
211Kb / 16P
Precision Micropower Single-Supply Operational Amplifiers
REV. D
OP747 AD-OP747_15 Datasheet
211Kb / 16P
Precision Micropower Single-Supply Operational Amplifiers
REV. D
OP777 AD-OP777_15 Datasheet
211Kb / 16P
Precision Micropower Single-Supply Operational Amplifiers
REV. D
OP777 AD-OP777_V01 Datasheet
210Kb / 16P
Precision Micropower Single-Supply Operational Amplifiers
REV.D
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com