Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP97AZ Datasheet (PDF) - Analog Devices

OP97AZ Datasheet PDF - Analog Devices
Part # OP97AZ
Download  OP97AZ Download
File Size   363.38 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low-Power, High-Precision Operational Amplifier

OP97AZ Datasheet (PDF)

Go To PDF Page Download Datasheet
OP97AZ Datasheet PDF - Analog Devices

Part # OP97AZ
Download  OP97AZ Click to download

File Size   363.38 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low-Power, High-Precision Operational Amplifier

OP97AZ Datasheet (HTML) - Analog Devices


OP97AZ Product details

GENERAL DESCRIPTION

The OP97 is a low power alternative to the industry-standard OP07 precision amplifier. The OP97 maintains the standards of performance set by the OP07 while utilizing only 600 μA supply

current, less than 1/6 that of an OP07. Offset voltage is an ultralow 25 μV, and drift over temperature is below 0.6 μV/°C. External offset trimming is not required in the majority of circuits.

Improvements have been made over OP07 specifications in several areas. Notable is bias current, which remains below 250 pA over the full military temperature range. The OP97 is ideal for use in precision long-term integrators or sample-and hold circuits that must operate at elevated temperatures.



FEATURES

Low supply current: 600 μA maximum

OP07 type performance

  Offset voltage: 20 μV maximum

  Offset voltage drift: 0.6 μV/°C maximum

Very low bias current

  25°C: 100 pA maximum

  −55°C to +125°C: 250 pA maximum

High common-mode rejection: 114 dB minimum

Extended industrial temperature range: −40°C to +85°C




Similar Part No. - OP97AZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP97AZ AD-OP97AZ Datasheet
470Kb / 10P
LOW POWER, HIGH PRECISION OPERATIONAL AMPLIFIER
More results


Similar Description - OP97AZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP-97 AD-OP-97 Datasheet
470Kb / 10P
LOW POWER, HIGH PRECISION OPERATIONAL AMPLIFIER
PM1012 AD-PM1012 Datasheet
75Kb / 4P
Low Power Precision Operational Amplifier
REV.C
logo
Burr-Brown (TI)
OPA21 BURR-BROWN-OPA21 Datasheet
300Kb / 6P
Low-Power Precision OPERATIONAL AMPLIFIER
logo
Analog Devices
OP97 AD-OP97_07 Datasheet
616Kb / 16P
Low Power, High Precision Operational Amplifier
Rev. F
logo
Texas Instruments
OPA211 TI1-OPA211_15 Datasheet
1Mb / 45P
Low Power, Precision Operational Amplifier
OPA2211-EP TI1-OPA2211-EP Datasheet
1Mb / 32P
Noise, Low-Power, Precision Operational Amplifier
OPA2211-EP TI1-OPA2211-EP_16 Datasheet
1Mb / 32P
Low-Power, Precision Operational Amplifier
logo
Advanced Linear Devices
ALD1722 ALD-ALD1722 Datasheet
112Kb / 9P
PRECISION LOW POWER CMOS OPERATIONAL AMPLIFIER
2011
ALD1732A ALD-ALD1732A Datasheet
90Kb / 9P
PRECISION LOW POWER CMOS OPERATIONAL AMPLIFIER
2014
logo
ADL Embedded Solutions
ALD1722 ADL-ALD1722 Datasheet
100Kb / 9P
PRECISION LOW POWER CMOS OPERATIONAL AMPLIFIER
2011
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com