Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE7114 Datasheet (PDF) - Pasternack Enterprises, Inc.

PE7114 Datasheet PDF - Pasternack Enterprises, Inc.
Part # PE7114
Download  PE7114 Download
File Size   115.42 Kbytes
Page   1 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description SMA FEMALE, COAXIAL SWITCH FREQUENCY RANGE: 2GHz TO 4 GHz SWITCH TYPE:SPDT

PE7114 Datasheet (PDF)

Go To PDF Page Download Datasheet
PE7114 Datasheet PDF - Pasternack Enterprises, Inc.

Part # PE7114
Download  PE7114 Click to download

File Size   115.42 Kbytes
Page   1 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description SMA FEMALE, COAXIAL SWITCH FREQUENCY RANGE: 2GHz TO 4 GHz SWITCH TYPE:SPDT

PE7114 Datasheet (HTML) - Pasternack Enterprises, Inc.




Similar Part No. - PE7114

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7110 PASTERNACK-PE7110 Datasheet
234Kb / 1P
SMA FEMALE,COAXIAL SWITCH FREQUENCY RANGE: 12GHz to 18 GHz SWITCH TYPE:SPST
PE7111 PASTERNACK-PE7111 Datasheet
242Kb / 1P
SMA FEMALE COAXIAL SWITHCH FREQUENCY RANGE: 10 MHz TO 1GHz SWITCH TYPE:SPDT
PE7112 PASTERNACK-PE7112 Datasheet
242Kb / 1P
SMA FEMALE COAXIAL SWITCH FREQUENCY RANGE: 1GHz 2GHz SWITCH TYPE: SPDT
PE7113 PASTERNACK-PE7113 Datasheet
245Kb / 1P
SMA FEMALE COAXIAL SWITHCH FREQUENCY RANGE: 1GHz 18GHz SWITCH TYPE: SPDT
PE7115 PASTERNACK-PE7115 Datasheet
242Kb / 1P
SMA FEMALE,COAXIAL SWITCH FREQUENCY RANGE: 4GHz TO 8GHz SWITCH TYPE:SPDT
More results


Similar Description - PE7114

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7105 PASTERNACK-PE7105 Datasheet
232Kb / 1P
SMA FEMALE COAXIAL SWITCH FREQUENCY RANGE: 1GHz 2GHz SWITCH TYPE:SPST
PE7107 PASTERNACK-PE7107 Datasheet
231Kb / 1P
SMA FEMALE, COAXIAL SWITCH FREQUENCY RANGE: 2GHz TO 4 GHZ SWITCH TYPE:SPST
PE7111 PASTERNACK-PE7111 Datasheet
242Kb / 1P
SMA FEMALE COAXIAL SWITHCH FREQUENCY RANGE: 10 MHz TO 1GHz SWITCH TYPE:SPDT
PE7112 PASTERNACK-PE7112 Datasheet
242Kb / 1P
SMA FEMALE COAXIAL SWITCH FREQUENCY RANGE: 1GHz 2GHz SWITCH TYPE: SPDT
PE7115 PASTERNACK-PE7115 Datasheet
242Kb / 1P
SMA FEMALE,COAXIAL SWITCH FREQUENCY RANGE: 4GHz TO 8GHz SWITCH TYPE:SPDT
PE7116 PASTERNACK-PE7116 Datasheet
117Kb / 1P
SMA FEMALE COAXIAL SWITCH FREQUENCY RANGE: 8GHz TO 12GHz SWITCH TYPE:SPDT
PE7117 PASTERNACK-PE7117 Datasheet
245Kb / 1P
SMA FEMALE,COAXIAL SWITCH FREQUENCY RANGE: 12GHz TO 18 GHz SWITCH TYPE:SPDT
PE7127 PASTERNACK-PE7127 Datasheet
156Kb / 1P
SMA FEMALE, COAXIAL SWITCH FREQUENCY RANGE: 1 GHz TO 18 GHz SWITCH TYPE:SP4T
PE7129 PASTERNACK-PE7129 Datasheet
319Kb / 1P
SMA FEMALE COAXIAL SWITCH FREQUENCY RANGE: 4 GHz TO 8 GHz SWITCH TYPE :SP4T
PE7133 PASTERNACK-PE7133 Datasheet
241Kb / 1P
SMA FEMALE, TRANSFER SWITCH FREQUENCY RANGE: 1GHz TO 2GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com