Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PKD01 Datasheet (PDF) - Analog Devices

PKD01 Datasheet PDF - Analog Devices
Part # PKD01
Download  PKD01 Download
File Size   402.93 Kbytes
Page   18 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Monolithic Peak Detector with Reset-and-Hold Mode

PKD01 Datasheet (PDF)

Go To PDF Page Download Datasheet
PKD01 Datasheet PDF - Analog Devices

Part # PKD01
Download  PKD01 Click to download

File Size   402.93 Kbytes
Page   18 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Monolithic Peak Detector with Reset-and-Hold Mode

PKD01 Datasheet (HTML) - Analog Devices


PKD01 Product details

GENERAL DESCRIPTION

The PKD01 tracks an analog input signal until a maximum amplitude is reached. The maximum value is then retained as a peak voltage on a hold capacitor. Being a monolithic circuit, the PKD01 offers significant performance and package density advantages over hybrid modules and discrete designs without sacrificing system versatility. The matching characteristics attained in a monolithic circuit provide inherent advantages when charge injection and droop rate error reduction are primary goals.



FEATURES

Monolithic Design for Reliability and Low Cost

High Slew Rate: 0.5 V/μs

Low Droop Rate

   TA = 25°C: 0.1 mV/ms

   TA = 125°C: 10 mV/ms

Low Zero-Scale Error: 4 mV

Digitally Selected Hold and Reset Modes

Reset to Positive or Negative Voltage Levels

Logic Signals TTL and CMOS Compatible

Uncommitted Comparator On-Chip

Available in Die Form



 




Similar Part No. - PKD01

ManufacturerPart #DatasheetDescription
logo
Analog Devices
PKD01 AD-PKD01 Datasheet
398Kb / 18P
Monolithic Peak Detector with Reset-and-Hold Mode
REV. A
PKD01FPZ AD-PKD01FPZ Datasheet
398Kb / 18P
Monolithic Peak Detector with Reset-and-Hold Mode
REV. A
PKD01 AD-PKD01_15 Datasheet
403Kb / 18P
Monolithic Peak Detector with Reset-and-Hold Mode
REV. A
More results


Similar Description - PKD01

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF1252-X PHILIPS-PCF1252-X Datasheet
107Kb / 16P
Threshold detector and reset generator
1998 Apr 16
logo
List of Unclassifed Man...
LF398N ETC-LF398N Datasheet
257Kb / 7P
MONOLITHIC SAMPLE AND HOLD CIRCUITS
PH300 ETC-PH300 Datasheet
66Kb / 4P
PEAK HOLD DETECTOR
logo
Vishay Siliconix
2331 VISHAY-2331 Datasheet
107Kb / 1P
Readout Modules with Peak-Hold Feature
24-Feb-03
logo
Sanyo Semicon Device
LC7555 SANYO-LC7555 Datasheet
958Kb / 12P
Level Meter with Peak Hold Function
logo
Analog Devices
PKD01FPZ AD-PKD01FPZ Datasheet
398Kb / 18P
Monolithic Peak Detector with Reset-and-Hold Mode
REV. A
PKD01 AD-PKD01_15 Datasheet
403Kb / 18P
Monolithic Peak Detector with Reset-and-Hold Mode
REV. A
logo
Texas Instruments
LF198-N TI1-LF198-N_16 Datasheet
2Mb / 33P
Monolithic Sample-and-Hold Circuits
LF198QML TI1-LF198QML_14 Datasheet
1Mb / 22P
Monolithic Sample-and-Hold Circuits
LF298-MIL TI1-LF298-MIL Datasheet
2Mb / 28P
Monolithic Sample-and-Hold Circuits
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com