Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRA170E44 Datasheet (PDF) - Dynex Semiconductor

DRA170E44 Datasheet PDF - Dynex Semiconductor
Part # DRA170E44
Download  DRA170E44 Download
File Size   820.25 Kbytes
Page   7 Pages
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor
Description Avalanche Diode

DRA170E44 Datasheet (PDF)

Go To PDF Page Download Datasheet
DRA170E44 Datasheet PDF - Dynex Semiconductor

Part # DRA170E44
Download  DRA170E44 Click to download

File Size   820.25 Kbytes
Page   7 Pages
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor
Description Avalanche Diode

DRA170E44 Datasheet (HTML) - Dynex Semiconductor


DRA170E44 Product details

KEY PARAMETERS
   VRRM 4400V
   IF(AV) 170A
   IFSM 1500A

FEATURES
• Double Side Cooling
• High Surge Capability
• Avalanche Capability




Similar Part No. - DRA170E44

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DRA170E44 DYNEX-DRA170E44_15 Datasheet
820Kb / 7P
Avalanche Diode
More results


Similar Description - DRA170E44

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
R2K EIC-R2K Datasheet
45Kb / 2P
AVALANCHE DIODE
logo
Semikron International
SKNA402 SEMIKRON-SKNA402 Datasheet
602Kb / 3P
Avalanche Diode
SKNA202 SEMIKRON-SKNA202 Datasheet
587Kb / 3P
Avalanche Diode
SKNA4 SEMIKRON-SKNA4 Datasheet
328Kb / 3P
Avalanche Diode
SKNA20 SEMIKRON-SKNA20_10 Datasheet
462Kb / 3P
Avalanche Diode
SKNA22 SEMIKRON-SKNA22_08 Datasheet
636Kb / 3P
Avalanche Diode
logo
Dynex Semiconductor
DRA170E44 DYNEX-DRA170E44_15 Datasheet
820Kb / 7P
Avalanche Diode
logo
IXYS Corporation
DSA1 IXYS-DSA1 Datasheet
112Kb / 1P
Avalanche Diode
logo
EIC discrete Semiconduc...
AD600V EIC-AD600V Datasheet
49Kb / 1P
AVALANCHE DIODE
Rev. 02 : March 25, 2005
R2KS EIC-R2KS_V01 Datasheet
141Kb / 2P
AVALANCHE DIODE
Rev. 03:February 28, 2014
More results




About Dynex Semiconductor


Dynex Semiconductor was a British company that specialized in the design and manufacture of high-power semiconductors.
The company was founded in 1967 and was headquartered in Lincoln, England.
Dynex was known for its expertise in high-power semiconductor technology and its ability to deliver custom-designed power devices for various applications such as power conversion, motor control, and renewable energy systems.
In 2015, Dynex was acquired by Infineon Technologies, a leading provider of power and sensor systems.
The Dynex brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com