Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2143 Datasheet (PDF) - Analog Devices

SSM2143 Datasheet PDF - Analog Devices
Part # SSM2143
Download  SSM2143 Download
File Size   364.27 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description -6 dB Differential Line Receiver

SSM2143 Datasheet (PDF)

Go To PDF Page Download Datasheet
SSM2143 Datasheet PDF - Analog Devices

Part # SSM2143
Download  SSM2143 Click to download

File Size   364.27 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description -6 dB Differential Line Receiver

SSM2143 Datasheet (HTML) - Analog Devices


SSM2143 Product details

GENERAL DESCRIPTION
The SSM2143 is an integrated differential amplifier intended to receive balanced line inputs in audio applications requiring a high level of immunity from common-mode noise. The device provides a typical 90 dB of common-mode rejection (CMR), which is achieved by laser trimming of resistances to better than 0.005%.
   
FEATURES
    High Common-Mode Rejection
        DC: 90 dB typ
        60 Hz: 90 dB typ
        20 kHz: 85 dB typ
    Ultralow THD: 0.0006% typ @ 1 kHz
    Fast Slew Rate: 10 V/μs typ
    Wide Bandwidth: 7 MHz typ (G = 1/2)
    Two Gain Levels Available: G = 1/2 or 2
    Low Cost
   




Similar Part No. - SSM2143

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SSM2143 AD-SSM2143 Datasheet
277Kb / 10P
?? dB Differential Line Receiver
REV. A
SSM2143 AD-SSM2143 Datasheet
277Kb / 10P
6 dB Differential Line Receiver
REV. A
SSM2143PZ AD-SSM2143PZ Datasheet
277Kb / 10P
?? dB Differential Line Receiver
REV. A
SSM2143PZ AD-SSM2143PZ Datasheet
277Kb / 10P
6 dB Differential Line Receiver
REV. A
SSM2143SZ AD-SSM2143SZ Datasheet
277Kb / 10P
?? dB Differential Line Receiver
REV. A
More results


Similar Description - SSM2143

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EP116 ONSEMI-MC10EP116 Datasheet
122Kb / 8P
Hex Differential Line Receiver
March, 2000 ??Rev. 3
logo
Texas Instruments
SN75ALS193 TI-SN75ALS193 Datasheet
162Kb / 12P
QUADRUPLE DIFFERENTIAL LINE RECEIVER
logo
Elantec Semiconductor
EL2142C ELANTEC-EL2142C Datasheet
163Kb / 8P
Differential Line Receiver
logo
Intersil Corporation
EL2142 INTERSIL-EL2142 Datasheet
274Kb / 6P
Differential Line Receiver
February 11, 2005
logo
Integral Corp.
IL34C86 INTEGRAL-IL34C86 Datasheet
129Kb / 5P
Differential line receiver.
logo
IK Semicon Co., Ltd
IL34C86 IKSEMICON-IL34C86 Datasheet
144Kb / 6P
Differential line receiver
logo
Analog Devices
SSM2143SZ AD-SSM2143SZ Datasheet
277Kb / 10P
?? dB Differential Line Receiver
REV. A
SSM2143SZ AD-SSM2143SZ Datasheet
277Kb / 10P
6 dB Differential Line Receiver
REV. A
SSM2143 AD-SSM2143_15 Datasheet
277Kb / 10P
6 dB Differential Line Receiver
REV. A
logo
Renesas Technology Corp
EL2142 RENESAS-EL2142 Datasheet
454Kb / 6P
Differential Line Receiver
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com