Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMS1508 Datasheet (PDF) - Advanced Monolithic Systems

AMS1508 Datasheet PDF - Advanced Monolithic Systems
Part # AMS1508
Download  AMS1508 Download
File Size   76.64 Kbytes
Page   9 Pages
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems
Description 8A LOW DROPOUT VOLTAGE REGULATOR

AMS1508 Datasheet (PDF)

Go To PDF Page Download Datasheet
AMS1508 Datasheet PDF - Advanced Monolithic Systems

Part # AMS1508
Download  AMS1508 Click to download

File Size   76.64 Kbytes
Page   9 Pages
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems
Description 8A LOW DROPOUT VOLTAGE REGULATOR

AMS1508 Datasheet (HTML) - Advanced Monolithic Systems


AMS1508 Product details

GENERAL DESCRIPTION
The The AMS1508 series of adjustable and fixed low dropout voltage regulators are designed to provide 8A output current to power the new generation of microprocessors. The dropout voltage of the device is 100mV at light loads and rising to 500mV at maximum output current. A second low current input voltage 1V or greater then the output voltage is required to achieve this dropout. The AMS1508 can also be used as a single supply device.
New features have been added to the AMS1508: a remote Sense pin is brought out virtually eliminating output voltage variations due to load changes. The typical load regulation, measured at the Sense pin, for a load current step of 100mA to 8A is less than 1mV.
The AMS1508 series has fast transient response. The Adjust pin is brought out on fixed devices. To further improve the transient response the addition of a small capacitor on the Adjust pin is recommended.
The AMS1508 series are ideal for generating processor supplies of 2V to 3V on motherboards where both 5V and 3.3V supplies are available.
The AMS1508 devices are offered in 5 lead TO-220 and TO-263 (plastic DD) packages and in the 7 lead TO-220 package.

FEATURES
• Adjustable or Fixed Output
   1.5V, 2.5V, 2.85V, 3.0V, 3.3V, 3.5V and 5.0V
• Output Current of 8A
• Low Dropout, 500mV at 8A Output Current
• Fast Transient Response
• Remote Sense

APPLICATIONS
• High Current Regulators
• Post Regulators for Switching Supplies
• Microprocessor Supply
• Adjustable Power Supply
• Notebook/Personal Computer Supplies




Similar Part No. - AMS1508

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS1508CM ADMOS-AMS1508CM Datasheet
174Kb / 9P
8A LOW DROPOUT VOLTAGE REGULATOR
AMS1508CM-1.5 ADMOS-AMS1508CM-1.5 Datasheet
174Kb / 9P
8A LOW DROPOUT VOLTAGE REGULATOR
AMS1508CM-2.5 ADMOS-AMS1508CM-2.5 Datasheet
174Kb / 9P
8A LOW DROPOUT VOLTAGE REGULATOR
AMS1508CM-2.85 ADMOS-AMS1508CM-2.85 Datasheet
174Kb / 9P
8A LOW DROPOUT VOLTAGE REGULATOR
AMS1508CM-3.0 ADMOS-AMS1508CM-3.0 Datasheet
174Kb / 9P
8A LOW DROPOUT VOLTAGE REGULATOR
More results


Similar Description - AMS1508

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX1083 SIPEX-SPX1083 Datasheet
143Kb / 5P
8A Low DropOut Voltage Regulator Adjustable & Fixed 3.3V
SPX1584 SIPEX-SPX1584 Datasheet
226Kb / 5P
8A Low Dropout Voltage Regulator Adjustable & Fixed 3.3V
logo
Advanced Monolithic Sys...
AMS1083 ADMOS-AMS1083 Datasheet
71Kb / 8P
8A LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX1584 SIPEX-SPX1584 Datasheet
242Kb / 5P
8A Low Dropout Voltage Regulator Adjustable & Fixed 3.3V
logo
New Japan Radio
NJM2886 NJRC-NJM2886 Datasheet
156Kb / 8P
LOW DROPOUT VOLTAGE REGULATOR
NJM2870 NJRC-NJM2870 Datasheet
166Kb / 9P
LOW DROPOUT VOLTAGE REGULATOR
NJM2881 NJRC-NJM2881 Datasheet
219Kb / 10P
LOW DROPOUT VOLTAGE REGULATOR
logo
Advanced Monolithic Sys...
AMS1508 ADMOS-AMS1508_05 Datasheet
174Kb / 9P
8A LOW DROPOUT VOLTAGE REGULATOR
AMS1083 ADMOS-AMS1083_05 Datasheet
69Kb / 8P
8A LOW DROPOUT VOLTAGE REGULATOR
logo
New Japan Radio
NJM2845DL1-33-TE1 NJRC-NJM2845DL1-33-TE1 Datasheet
290Kb / 16P
LOW DROPOUT VOLTAGE REGULATOR
More results




About Advanced Monolithic Systems


Advanced Monolithic Systems (AMS) is a semiconductor company that specializes in the design and manufacturing of analog and mixed-signal integrated circuits (ICs). The company was founded in 1989 and is headquartered in San Diego, California.

AMS offers a wide range of IC products, including voltage references, operational amplifiers, comparators, and analog switches. These products are used in a variety of applications, including automotive, communications, consumer electronics, and industrial automation.

AMS is known for its high-quality products and commitment to innovation. The company's ICs are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. AMS also offers custom design and engineering services to meet the specific needs of its customers.

AMS has a global presence, with sales offices and representatives located around the world. The company also maintains partnerships with a number of leading electronics manufacturers, ensuring that its products are available to customers worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com