Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMS1510 Datasheet (PDF) - Advanced Monolithic Systems

AMS1510 Datasheet PDF - Advanced Monolithic Systems
Part # AMS1510
Download  AMS1510 Download
File Size   77.08 Kbytes
Page   9 Pages
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems
Description 10A LOW DROPOUT VOLTAGE REGULATORS

AMS1510 Datasheet (PDF)

Go To PDF Page Download Datasheet
AMS1510 Datasheet PDF - Advanced Monolithic Systems

Part # AMS1510
Download  AMS1510 Click to download

File Size   77.08 Kbytes
Page   9 Pages
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems
Description 10A LOW DROPOUT VOLTAGE REGULATORS

AMS1510 Datasheet (HTML) - Advanced Monolithic Systems


AMS1510 Product details

GENERAL DESCRIPTION
The The AMS1510 series of adjustable and fixed low dropout voltage regulators are designed to provide 10A output current to power the new generation of microprocessors. The dropout voltage of the device is 100mV at light loads and rising to 500mV at maximum output current. A second low current input voltage 1V or greater then the output voltage is required to achieve this dropout. The AMS1510 can also be used as a single supply device.
New features have been added to the AMS1510: a remote Sense pin is brought out virtually eliminating output voltage variations due to load changes. The typical load regulation, measured at the Sense pin, for a load current step of 100mA to 10A is less than 1mV.

FEATURES
● Adjustable or Fixed Output 1.5V, 2.5V, 2.85V, 3.0V, 3.3V, 3.5V and 5.0V
● Output Current of 10A
● Low Dropout, 500mV at 10A Output Current
● Fast Transient Response
● Remote Sense

APPLICATIONS
● High Current Regulators
● Post Regulators for Switching Supplies
● Microprocessor Supply
● Adjustable Power Supply
● Notebook/Personal Computer Supplies




Similar Part No. - AMS1510

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS1510 ADMOS-AMS1510 Datasheet
90Kb / 9P
10A LOW DROPOUT VOLTAGE REGULATORS
AMS1510CM ADMOS-AMS1510CM Datasheet
90Kb / 9P
10A LOW DROPOUT VOLTAGE REGULATORS
AMS1510CM-1.5 ADMOS-AMS1510CM-1.5 Datasheet
90Kb / 9P
10A LOW DROPOUT VOLTAGE REGULATORS
AMS1510CM-2.5 ADMOS-AMS1510CM-2.5 Datasheet
90Kb / 9P
10A LOW DROPOUT VOLTAGE REGULATORS
AMS1510CM-2.85 ADMOS-AMS1510CM-2.85 Datasheet
90Kb / 9P
10A LOW DROPOUT VOLTAGE REGULATORS
More results


Similar Description - AMS1510

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL750L TI-TL750L Datasheet
124Kb / 18P
LOW-DROPOUT VOLTAGE REGULATORS
logo
Advanced Monolithic Sys...
AMS1082 ADMOS-AMS1082 Datasheet
71Kb / 8P
10A LOW DROPOUT VOLTAGE REGULATORS
logo
Linear Technology
LT1581 LINER-LT1581 Datasheet
264Kb / 12P
10A, Very Low Dropout Regulators
logo
Advanced Monolithic Sys...
AMS1510 ADMOS-AMS1510_05 Datasheet
90Kb / 9P
10A LOW DROPOUT VOLTAGE REGULATORS
AMS1082 ADMOS-AMS1082_05 Datasheet
88Kb / 8P
10A LOW DROPOUT VOLTAGE REGULATORS
logo
Texas Instruments
TPS7101Q TI-TPS7101Q_07 Datasheet
829Kb / 40P
LOW-DROPOUT VOLTAGE REGULATORS
TL750M TI-TL750M_08 Datasheet
812Kb / 22P
LOW-DROPOUT VOLTAGE REGULATORS
logo
IK Semicon Co., Ltd
IL2931AZ-5 IKSEMICON-IL2931AZ-5 Datasheet
120Kb / 3P
LOW DROPOUT VOLTAGE REGULATORS
logo
Linear Technology
LT1581 LINER-LT1581_15 Datasheet
241Kb / 12P
10A, Very Low Dropout Regulators
LT1581-2.5 LINER-LT1581-2.5_15 Datasheet
241Kb / 12P
10A, Very Low Dropout Regulators
More results




About Advanced Monolithic Systems


Advanced Monolithic Systems (AMS) is a semiconductor company that specializes in the design and manufacturing of analog and mixed-signal integrated circuits (ICs). The company was founded in 1989 and is headquartered in San Diego, California.

AMS offers a wide range of IC products, including voltage references, operational amplifiers, comparators, and analog switches. These products are used in a variety of applications, including automotive, communications, consumer electronics, and industrial automation.

AMS is known for its high-quality products and commitment to innovation. The company's ICs are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. AMS also offers custom design and engineering services to meet the specific needs of its customers.

AMS has a global presence, with sales offices and representatives located around the world. The company also maintains partnerships with a number of leading electronics manufacturers, ensuring that its products are available to customers worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com