Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMS1587 Datasheet (PDF) - Advanced Monolithic Systems

AMS1587 Datasheet PDF - Advanced Monolithic Systems
Part # AMS1587
Download  AMS1587 Download
File Size   85.89 Kbytes
Page   9 Pages
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems
Description 3A LOW DROPOUT VOLTAGE REGULATOR

AMS1587 Datasheet (PDF)

Go To PDF Page Download Datasheet
AMS1587 Datasheet PDF - Advanced Monolithic Systems

Part # AMS1587
Download  AMS1587 Click to download

File Size   85.89 Kbytes
Page   9 Pages
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems
Description 3A LOW DROPOUT VOLTAGE REGULATOR

AMS1587 Datasheet (HTML) - Advanced Monolithic Systems


AMS1587 Product details

GENERAL DESCRIPTION
The AMS1587 series of adjustable and fixed voltage regulators are designed to provide 3A output current and to operate down to 1V input-to-output differential. The dropout voltage of the device is guaranteed maximum 1.3V at maximum output current, decreasing at lower load currents.
On-chip trimming adjusts the reference voltage to 1%. Current limit is also trimmed, minimizing the stress under overload conditions on both the regulator and power source circuitry.
The AMS1587 devices are pin compatible with older three-terminal regulators and are offered in 3 lead TO-220 package, 3 and 2 lead TO-263 (Plastic DD) and TO-252 (D PAK) package.

FEATURES
• Three Terminal Adjustable or Fixed Voltages 1.5V, 2.5V, 2.85V, 3.0V, 3.3V, 3.5V and 5.0V
• Output Current of 3A
• Operates Down to 1V Dropout
• Fast Transient response
• Line Regulation: 0.015%
• TO-220, TO-263 and TO-252 packages available

APPLICATIONS
• High Efficiency Linear Regulators
• Post Regulators for Switching Supplies
• Microprocessor Supply
• Battery Chargers
• Constant Current Regulators
• Notebook/Personal Computer Supplies
• Portable Instrumentation




Similar Part No. - AMS1587

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS1587 ADMOS-AMS1587 Datasheet
78Kb / 9P
3A LOW DROPOUT VOLTAGE REGULATOR
AMS1587CM ADMOS-AMS1587CM Datasheet
78Kb / 9P
3A LOW DROPOUT VOLTAGE REGULATOR
AMS1587CM-1.5 ADMOS-AMS1587CM-1.5 Datasheet
78Kb / 9P
3A LOW DROPOUT VOLTAGE REGULATOR
AMS1587CM-2.5 ADMOS-AMS1587CM-2.5 Datasheet
78Kb / 9P
3A LOW DROPOUT VOLTAGE REGULATOR
AMS1587CM-2.85 ADMOS-AMS1587CM-2.85 Datasheet
78Kb / 9P
3A LOW DROPOUT VOLTAGE REGULATOR
More results


Similar Description - AMS1587

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS1085 ADMOS-AMS1085 Datasheet
85Kb / 9P
3A LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX1587 SIPEX-SPX1587 Datasheet
171Kb / 7P
3A Low Dropout Voltage Regulator
logo
List of Unclassifed Man...
CM1582 ETC2-CM1582 Datasheet
256Kb / 11P
3A LOW DROPOUT VOLTAGE REGULATOR
logo
Advanced Monolithic Sys...
AMS1085 ADMOS-AMS1085_05 Datasheet
194Kb / 9P
3A LOW DROPOUT VOLTAGE REGULATOR
logo
List of Unclassifed Man...
CX1085 ETC2-CX1085 Datasheet
108Kb / 2P
3A Low dropout voltage regulator
logo
Exar Corporation
XRP29302 EXAR-XRP29302 Datasheet
1Mb / 9P
3A Low Dropout Voltage Regulator
SPX1587 EXAR-SPX1587 Datasheet
622Kb / 11P
3A Low Dropout Voltage Regulator
SPX29300 EXAR-SPX29300 Datasheet
648Kb / 10P
3A Low Dropout Voltage Regulator
XRP29302ETBTR-L EXAR-XRP29302ETBTR-L Datasheet
2Mb / 9P
3A Low Dropout Voltage Regulator
SPX29300 EXAR-SPX29300_16 Datasheet
660Kb / 10P
3A Low Dropout Voltage Regulator
More results




About Advanced Monolithic Systems


Advanced Monolithic Systems (AMS) is a semiconductor company that specializes in the design and manufacturing of analog and mixed-signal integrated circuits (ICs). The company was founded in 1989 and is headquartered in San Diego, California.

AMS offers a wide range of IC products, including voltage references, operational amplifiers, comparators, and analog switches. These products are used in a variety of applications, including automotive, communications, consumer electronics, and industrial automation.

AMS is known for its high-quality products and commitment to innovation. The company's ICs are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. AMS also offers custom design and engineering services to meet the specific needs of its customers.

AMS has a global presence, with sales offices and representatives located around the world. The company also maintains partnerships with a number of leading electronics manufacturers, ensuring that its products are available to customers worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com