Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE2203-6 Datasheet (PDF) - Pasternack Enterprises, Inc.

PE2203-6 Datasheet PDF - Pasternack Enterprises, Inc.
Part # PE2203-6
Download  PE2203-6 Download
File Size   146.1 Kbytes
Page   1 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description SMA FEMALE DIRECTIONAL COUPLE FREQUENCY RANGE: 2.5~5.2 GHz

PE2203-6 Datasheet (PDF)

Go To PDF Page Download Datasheet
PE2203-6 Datasheet PDF - Pasternack Enterprises, Inc.

Part # PE2203-6
Download  PE2203-6 Click to download

File Size   146.1 Kbytes
Page   1 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description SMA FEMALE DIRECTIONAL COUPLE FREQUENCY RANGE: 2.5~5.2 GHz

PE2203-6 Datasheet (HTML) - Pasternack Enterprises, Inc.




Similar Part No. - PE2203-6

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE2203-10 PASTERNACK-PE2203-10 Datasheet
84Kb / 1P
SMA FEMALE DIRECTIONAL COUPLER, FREQUENCY RANGE:2.6 -5.2 GHz
PE2203-20 PASTERNACK-PE2203-20 Datasheet
265Kb / 1P
SMA FEMALE DIRECTIONAL COUPLER, FREQUENCY RANGE: 2,6-5.2 GHz
PE2203-30 PASTERNACK-PE2203-30 Datasheet
265Kb / 1P
SMA FEMALE DIRECTIONAL COUPLER, FREQUENCY RANGE:2.6-5.2
More results


Similar Description - PE2203-6

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE2200-10 PASTERNACK-PE2200-10 Datasheet
267Kb / 1P
SMA FEMALE DIRECTIONAL COIPLER FREQUENCY RANGE: 0.5-1.0 GHz
PE2200-20 PASTERNACK-PE2200-20 Datasheet
110Kb / 1P
SMA FEMALE DIRECTIONAL COUPLER, FREQUENCY RANGE:0.5-1.0 GHz
PE2200-30 PASTERNACK-PE2200-30 Datasheet
269Kb / 1P
SMA FEMALE DIRECTIONAL COUPLER FREQUENCY RANGE: 0.5-1.0 GHz
PE2201-30 PASTERNACK-PE2201-30 Datasheet
144Kb / 1P
SMA FEMALE DIRECTIONAL COUPLER FREQUENCY RANGE:1-2 GHz
PE2203-10 PASTERNACK-PE2203-10 Datasheet
84Kb / 1P
SMA FEMALE DIRECTIONAL COUPLER, FREQUENCY RANGE:2.6 -5.2 GHz
PE2203-20 PASTERNACK-PE2203-20 Datasheet
265Kb / 1P
SMA FEMALE DIRECTIONAL COUPLER, FREQUENCY RANGE: 2,6-5.2 GHz
PE2203-30 PASTERNACK-PE2203-30 Datasheet
265Kb / 1P
SMA FEMALE DIRECTIONAL COUPLER, FREQUENCY RANGE:2.6-5.2
PE2204-20 PASTERNACK-PE2204-20 Datasheet
263Kb / 1P
SMA FEMALE DIRECTIONAL COUPLER, FREQUENCY RANGE: 4-8 GHz
PE2207-20 PASTERNACK-PE2207-20 Datasheet
110Kb / 1P
SMA FEMALE DIRECTIONAL COUPLER, FREQUENCY RANGE: 12.4-18 GHz
PE2215-20 PASTERNACK-PE2215-20 Datasheet
283Kb / 1P
SMA FEMALE DIRECTIONAL COUPLE BROADBAND FREQUENCY RANGE:2.0 -18.0 GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com