Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE2228-30 Datasheet (PDF) - Pasternack Enterprises, Inc.

PE2228-30 Datasheet PDF - Pasternack Enterprises, Inc.
Part # PE2228-30
Download  PE2228-30 Download
File Size   258.17 Kbytes
Page   1 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description HIGH POWER DIRECTIONAL COUPLER FREQUENCY RANGE: 1-4 GHz

PE2228-30 Datasheet (PDF)

Go To PDF Page Download Datasheet
PE2228-30 Datasheet PDF - Pasternack Enterprises, Inc.

Part # PE2228-30
Download  PE2228-30 Click to download

File Size   258.17 Kbytes
Page   1 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description HIGH POWER DIRECTIONAL COUPLER FREQUENCY RANGE: 1-4 GHz

PE2228-30 Datasheet (HTML) - Pasternack Enterprises, Inc.




Similar Part No. - PE2228-30

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE2228A-30 PASTERNACK-PE2228A-30 Datasheet
349Kb / 3P
Directional 30 dB N Coupler From 1 GHz to 4 GHz Rated to 600 Watts
More results


Similar Description - PE2228-30

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE2226-30 PASTERNACK-PE2226-30 Datasheet
259Kb / 1P
HIGH POWER DIRECTIONAL COUPLER FREQUENCY RANGE:1-2 GHz
PE2229-30 PASTERNACK-PE2229-30 Datasheet
262Kb / 1P
HIGH POWER DIRECTIONAL COUPLER FREQUENCY RANGE: 2.6-5.2 GHz
PE2230-30 PASTERNACK-PE2230-30 Datasheet
260Kb / 1P
HIGH POWER DIRECTIONAL COUPLER FREQUENCY RANGE: 4~8 GHz
PE2233-30 PASTERNACK-PE2233-30 Datasheet
258Kb / 1P
HIGH POWER DIRECTIONAL COUPLER FREQUENCY RANGE: 7-11 GHz
PE2234-30 PASTERNACK-PE2234-30 Datasheet
259Kb / 1P
HIGH POWER DIRECTIONAL COUPLER FREQUENCY RANGE: 5-11 GHz
PE2235-30 PASTERNACK-PE2235-30 Datasheet
259Kb / 1P
HIGH POWE R DIRECTIONAL COUPLER FREQUENCY RANGE: 4-12 GHz
PE2236-35 PASTERNACK-PE2236-35 Datasheet
108Kb / 1P
HIGH POWER DIRECTIONAL COUPLER FREQUENCY RANGE:1-11 GHz
PE2239-30 PASTERNACK-PE2239-30 Datasheet
109Kb / 1P
HIGH POWER DIRECTIONAL COUPLER FREQUENCY RANGE: 1-8 GHz
PE2201-10 PASTERNACK-PE2201-10 Datasheet
263Kb / 1P
SMA FEMALE DIRECTIONAL COUPLER FREQUENCY RANGE:1-2 GHz
PE2201-30 PASTERNACK-PE2201-30 Datasheet
144Kb / 1P
SMA FEMALE DIRECTIONAL COUPLER FREQUENCY RANGE:1-2 GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com