Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE2237-30 Datasheet (PDF) - Pasternack Enterprises, Inc.

PE2237-30 Datasheet PDF - Pasternack Enterprises, Inc.
Part # PE2237-30
Download  PE2237-30 Download
File Size   147.32 Kbytes
Page   1 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description N FEMALE DIRECTIONAL COUPLER, 800-2500 MHZ, 30DB

PE2237-30 Datasheet (PDF)

Go To PDF Page Download Datasheet
PE2237-30 Datasheet PDF - Pasternack Enterprises, Inc.

Part # PE2237-30
Download  PE2237-30 Click to download

File Size   147.32 Kbytes
Page   1 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description N FEMALE DIRECTIONAL COUPLER, 800-2500 MHZ, 30DB

PE2237-30 Datasheet (HTML) - Pasternack Enterprises, Inc.




Similar Part No. - PE2237-30

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE2237-10 PASTERNACK-PE2237-10 Datasheet
147Kb / 1P
N FEMALE DIRECTION COIPLER,800-2500 MHZ, 10DB
PE2237-20 PASTERNACK-PE2237-20 Datasheet
147Kb / 1P
N FEMALE DIRECTIONAL COUPLER 800-2500 MHZ, 20DB
PE2237-6 PASTERNACK-PE2237-6 Datasheet
214Kb / 3P
Directional 6 dB N Coupler From 800 MHz to 2.5 GHz Rated To 60 Watts
More results


Similar Description - PE2237-30

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE2237-10 PASTERNACK-PE2237-10 Datasheet
147Kb / 1P
N FEMALE DIRECTION COIPLER,800-2500 MHZ, 10DB
PE2237-20 PASTERNACK-PE2237-20 Datasheet
147Kb / 1P
N FEMALE DIRECTIONAL COUPLER 800-2500 MHZ, 20DB
PE2238-6 PASTERNACK-PE2238-6 Datasheet
107Kb / 1P
SMA FEMALE DIRECTIONAL COUPLER 800-2500 MHz 6 dB
PE2238-10 PASTERNACK-PE2238-10 Datasheet
106Kb / 1P
SMA FEMALE DIRECTIONAL COUPLER, 800-2500 MHz, 10dB
PE2238-20 PASTERNACK-PE2238-20 Datasheet
106Kb / 1P
SMA FEMALE DIRECTIONAL COUPLER, 800-2500 MHz 20dB
PE2238-30 PASTERNACK-PE2238-30 Datasheet
106Kb / 1P
SMA FEMALE DIRECTIONAL COUPLER 800-2500 MHz 30 dB
PE2071 PASTERNACK-PE2071 Datasheet
74Kb / 1P
N FEMALE POWER DIVIDER 2-WAY 800-2500 MHz
logo
Anaren Microwave
X4C20F1-30S ANAREN-X4C20F1-30S Datasheet
1Mb / 18P
Directional Coupler 30dB
logo
Soshin electric Co., Lt...
ARP-4171100-D1 SOSHIN-ARP-4171100-D1 Datasheet
292Kb / 3P
30dB Directional Coupler 3200-4000MHz
HMD1711A-30M3500 SOSHIN-HMD1711A-30M3500 Datasheet
292Kb / 3P
30dB Directional Coupler 3200-4000MHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com