Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMS2942 Datasheet (PDF) - Advanced Monolithic Systems

AMS2942 Datasheet PDF - Advanced Monolithic Systems
Part # AMS2942
Download  AMS2942 Download
File Size   68.68 Kbytes
Page   7 Pages
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems
Description HIGH VOLTAGE LOW DROPOUT REGULATOR

AMS2942 Datasheet (PDF)

Go To PDF Page Download Datasheet
AMS2942 Datasheet PDF - Advanced Monolithic Systems

Part # AMS2942
Download  AMS2942 Click to download

File Size   68.68 Kbytes
Page   7 Pages
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems
Description HIGH VOLTAGE LOW DROPOUT REGULATOR

AMS2942 Datasheet (HTML) - Advanced Monolithic Systems


AMS2942 Product details

GENERAL DESCRIPTION
The AMS2942 are micropower voltage regulators ideally suited for use with high voltage powered systems. This device feature very low quiescent current (typ.130µA), and very low dropout voltage (typ.45mV at light loads and 380mV at 100mA). The quiescent current increases only slightly in dropout. The AMS2942 has positive transient protection up to 60V and can survive unregulated input transient up to 20V below ground.

FEATURES
• Adjustable from 1.23V to 42V
• High Accuracy Output Voltage
• Extremely Low Quiescent Current
• Low Dropout Voltage
• Tight Load and Line Regulation
• Low Temperature Coefficient
• Current and Thermal Protection
• Unregulated DC Positive Transients 60V
• Error Flag Warning of Voltage Output Dropout
• Logic Controlled Electronic Shutdown

APPLICATIONS
• Telephone Systems
• High Voltage Power Supply
• Cordless Telephones
• Laboratory Instrumentation
• Radio Control Systems
• Automotive Electronics
• Avionics




Similar Part No. - AMS2942

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS2942 ADMOS-AMS2942 Datasheet
77Kb / 7P
HIGH VOLTAGE LOW DROPOUT REGULATOR
AMS2942AS ADMOS-AMS2942AS Datasheet
77Kb / 7P
HIGH VOLTAGE LOW DROPOUT REGULATOR
AMS2942BS ADMOS-AMS2942BS Datasheet
77Kb / 7P
HIGH VOLTAGE LOW DROPOUT REGULATOR
AMS2942 ADMOS-AMS2942_08 Datasheet
77Kb / 7P
HIGH VOLTAGE LOW DROPOUT REGULATOR
More results


Similar Description - AMS2942

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA78DL05BS TOSHIBA-TA78DL05BS Datasheet
255Kb / 7P
LOW DROPOUT VOLTAGE REGULATOR
TA78DL05F TOSHIBA-TA78DL05F Datasheet
332Kb / 9P
LOW DROPOUT VOLTAGE REGULATOR
TA78DS05BP TOSHIBA-TA78DS05BP Datasheet
303Kb / 8P
LOW DROPOUT VOLTAGE REGULATOR
logo
Samsung semiconductor
KA78R08 SAMSUNG-KA78R08 Datasheet
162Kb / 5P
LOW DROPOUT VOLTAGE REGULATOR
logo
New Japan Radio
NJM2886 NJRC-NJM2886 Datasheet
156Kb / 8P
LOW DROPOUT VOLTAGE REGULATOR
NJM2870 NJRC-NJM2870 Datasheet
166Kb / 9P
LOW DROPOUT VOLTAGE REGULATOR
NJM2881 NJRC-NJM2881 Datasheet
219Kb / 10P
LOW DROPOUT VOLTAGE REGULATOR
NJM2865 NJRC-NJM2865 Datasheet
175Kb / 10P
LOW DROPOUT VOLTAGE REGULATOR
logo
Advanced Monolithic Sys...
AMS2942 ADMOS-AMS2942_08 Datasheet
77Kb / 7P
HIGH VOLTAGE LOW DROPOUT REGULATOR
logo
New Japan Radio
NJM2845DL1-33-TE1 NJRC-NJM2845DL1-33-TE1 Datasheet
290Kb / 16P
LOW DROPOUT VOLTAGE REGULATOR
More results




About Advanced Monolithic Systems


Advanced Monolithic Systems (AMS) is a semiconductor company that specializes in the design and manufacturing of analog and mixed-signal integrated circuits (ICs). The company was founded in 1989 and is headquartered in San Diego, California.

AMS offers a wide range of IC products, including voltage references, operational amplifiers, comparators, and analog switches. These products are used in a variety of applications, including automotive, communications, consumer electronics, and industrial automation.

AMS is known for its high-quality products and commitment to innovation. The company's ICs are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. AMS also offers custom design and engineering services to meet the specific needs of its customers.

AMS has a global presence, with sales offices and representatives located around the world. The company also maintains partnerships with a number of leading electronics manufacturers, ensuring that its products are available to customers worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com