Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE9319 Datasheet (PDF) - Pasternack Enterprises, Inc.

PE9319 Datasheet PDF - Pasternack Enterprises, Inc.
Part # PE9319
Download  PE9319 Download
File Size   103.08 Kbytes
Page   1 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description N FEMALE TO SMC JACK

PE9319 Datasheet (PDF)

Go To PDF Page Download Datasheet
PE9319 Datasheet PDF - Pasternack Enterprises, Inc.

Part # PE9319
Download  PE9319 Click to download

File Size   103.08 Kbytes
Page   1 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description N FEMALE TO SMC JACK

PE9319 Datasheet (HTML) - Pasternack Enterprises, Inc.


PE9319 Product details

Configuration
   Connector 1          N Female
   Impedance 1         50 Ohms
   Connector 2          SMC Jack
   Impedance 2         50 Ohms
   Adapter Design     Standard
   Body Style             Straight




Similar Part No. - PE9319

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9310 PASTERNACK-PE9310 Datasheet
258Kb / 3P
SMB Tee Adapter Plug-Plug-Plug
logo
Peregrine Semiconductor...
PE9311 PEREGRINE-PE9311 Datasheet
178Kb / 7P
1500 MHz Low Power UltraCMOS??Divide-by-2 Prescaler Rad hard for Space Applications
logo
Pasternack Enterprises,...
PE9311 PASTERNACK-PE9311 Datasheet
253Kb / 3P
N Male to N Female Adapter
logo
Peregrine Semiconductor
PE9311 PSEMI-PE9311 Datasheet
168Kb / 7P
1500 MHz Low Power UltraCMOS Divide-by-2 Prescaler Rad hard for Space Applications
logo
Peregrine Semiconductor...
PE9311-EK PEREGRINE-PE9311-EK Datasheet
178Kb / 7P
1500 MHz Low Power UltraCMOS??Divide-by-2 Prescaler Rad hard for Space Applications
More results


Similar Description - PE9319

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9108 PASTERNACK-PE9108 Datasheet
237Kb / 2P
Bulkhead SMC Jack to BNC Female Adapter
PE9115 PASTERNACK-PE9115 Datasheet
76Kb / 1P
SMC JACK TO SMC JACK
PE9119 PASTERNACK-PE9119 Datasheet
199Kb / 1P
SMC PLUG TO SMC JACK
PE9121 PASTERNACK-PE9121 Datasheet
254Kb / 3P
SMC Jack to SMC Jack Bulkhead Adapter
PE9140 PASTERNACK-PE9140 Datasheet
241Kb / 2P
SMC Jack to BNC Female Adapter
PE9147 PASTERNACK-PE9147 Datasheet
245Kb / 2P
SMA Female to SMC Jack Adapter
PE9235 PASTERNACK-PE9235 Datasheet
77Kb / 1P
BNC FEMALE TO 75 OHM SMC JACK
PE9317 PASTERNACK-PE9317 Datasheet
247Kb / 2P
N Male to SMC Jack Adapter
PE9587 PASTERNACK-PE9587 Datasheet
253Kb / 2P
75 Ohm N Female to SMC Jack Adapter
logo
Huber+Suhner, Inc.
31_N-SMC-50-11--_N HUBERSUHNER-31_N-SMC-50-11--_N Datasheet
489Kb / 2P
COAXIAL ADAPTER, N - SMC, 50 Ohm, jack / jack (female / female)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com