Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE2205-30 Datasheet (PDF) - Pasternack Enterprises, Inc.

PE2205-30 Datasheet PDF - Pasternack Enterprises, Inc.
Part # PE2205-30
Download  PE2205-30 Download
File Size   265.08 Kbytes
Page   1 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description SMA FEMALE DIRECTIONAL COUPLER FREQUENCY RANGE:7-12.4 GHz

PE2205-30 Datasheet (PDF)

Go To PDF Page Download Datasheet
PE2205-30 Datasheet PDF - Pasternack Enterprises, Inc.

Part # PE2205-30
Download  PE2205-30 Click to download

File Size   265.08 Kbytes
Page   1 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description SMA FEMALE DIRECTIONAL COUPLER FREQUENCY RANGE:7-12.4 GHz

PE2205-30 Datasheet (HTML) - Pasternack Enterprises, Inc.




Similar Part No. - PE2205-30

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE2205-10 PASTERNACK-PE2205-10 Datasheet
86Kb / 1P
SMA FEMALE DIRECTIONAL COUPLER FREQUENCY RNAGE: 7*12.4 GHz
PE2205-20 PASTERNACK-PE2205-20 Datasheet
110Kb / 1P
SMA FEMALE DIRECTIONAL COUPLER, FREQUENCY RANGE:7-12.4 GHz
PE2205-6 PASTERNACK-PE2205-6 Datasheet
145Kb / 1P
SMA FEMALE, DIRECTIONAL COUPLER FREQUECNY RANGE: 7,0~12,4GHz
More results


Similar Description - PE2205-30

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE2207-6 PASTERNACK-PE2207-6 Datasheet
84Kb / 1P
SMA FEMALE DIRECTIONAL COUPLER, FREQUNECY RANGE: 12.4~18GHz
PE2205-10 PASTERNACK-PE2205-10 Datasheet
86Kb / 1P
SMA FEMALE DIRECTIONAL COUPLER FREQUENCY RNAGE: 7*12.4 GHz
PE2205-20 PASTERNACK-PE2205-20 Datasheet
110Kb / 1P
SMA FEMALE DIRECTIONAL COUPLER, FREQUENCY RANGE:7-12.4 GHz
PE2207-10 PASTERNACK-PE2207-10 Datasheet
144Kb / 1P
SMA FEMALE DIRECTIONAL COUPLER, FREQUENCY RANGE: 12.4-18GHz
PE2207-20 PASTERNACK-PE2207-20 Datasheet
110Kb / 1P
SMA FEMALE DIRECTIONAL COUPLER, FREQUENCY RANGE: 12.4-18 GHz
PE2207-30 PASTERNACK-PE2207-30 Datasheet
265Kb / 1P
SMA FEMALE DIRECTION COUPLER FREQUENCY RANGE:12.4 -18 GHz
PE2211-6 PASTERNACK-PE2211-6 Datasheet
267Kb / 1P
SMA FEMALE DIRECTIONAL COUPLER BROADBAND FREQUENCY RANGE: 4.0-12.4 GHz
PE2211-10 PASTERNACK-PE2211-10 Datasheet
116Kb / 1P
SMA FEMALE DIRECTIONAL COUPLER BROADBAND FREQUENCY RANGE:4.0-12.4 GHz
PE2211-20 PASTERNACK-PE2211-20 Datasheet
268Kb / 1P
SMA FEMALE DIRECTIONAL COUPLER BROADBAND FREQUENCY RANGE: 4.0-12.4 GHz
PE8403 PASTERNACK-PE8403 Datasheet
80Kb / 1P
SMA FEMALE FERRITE CIRCULATOR FREQUENCY RANGE:7-12.4 GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com