Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMS9491 Datasheet (PDF) - Advanced Monolithic Systems

AMS9491 Datasheet PDF - Advanced Monolithic Systems
Part # AMS9491
Download  AMS9491 Download
File Size   75.54 Kbytes
Page   7 Pages
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems
Description 1.235V VOLTAGE REFERENCE

AMS9491 Datasheet (PDF)

Go To PDF Page Download Datasheet
AMS9491 Datasheet PDF - Advanced Monolithic Systems

Part # AMS9491
Download  AMS9491 Click to download

File Size   75.54 Kbytes
Page   7 Pages
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems
Description 1.235V VOLTAGE REFERENCE

AMS9491 Datasheet (HTML) - Advanced Monolithic Systems


AMS9491 Product details

GENERAL DESCRIPTION
The AMS9491 is a two-terminal micropower band-gap voltage reference diode. It feature a very low dynamic impedance and good temperature coefficient, operating over a 10µA to 20mA current range. On-chip trimming is used to provide tight voltage tolerance. Since the AMS9491 is a band-gap reference, uses only transistors and resistors, low noise and good longterm stability result. Careful design of the AMS9491 has made the device exceptionally tolerant of capacitive loading, making it easy to use in almost any reference application. The wide dynamic operating range allows its use with widely varying supplies with excellent regulation. The extremely low power drain of the AMS9491 makes this reference diode useful for micropower circuitry.

FEATURES
 • ±10 mV max. initial tolerance (A grade)
 • Operating Current 10mA to 20mA
 • Low Voltage Reference 1.235
 • Max. 0.6W Dynamic Impedance (A grade)
 • Low Temperature Coefficient

APPLICATIONS
 • Battery Powered Systems
 • Instrumentation
 • A/D, D/A Converters
 • Temperature measurement
 • Current sources
 • Pagers




Similar Part No. - AMS9491

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS9491 ADMOS-AMS9491 Datasheet
70Kb / 7P
1.235V VOLTAGE REFERENCE
AMS9491A ADMOS-AMS9491A Datasheet
70Kb / 7P
1.235V VOLTAGE REFERENCE
AMS9491AN ADMOS-AMS9491AN Datasheet
70Kb / 7P
1.235V VOLTAGE REFERENCE
AMS9491AS ADMOS-AMS9491AS Datasheet
70Kb / 7P
1.235V VOLTAGE REFERENCE
AMS9491B ADMOS-AMS9491B Datasheet
70Kb / 7P
1.235V VOLTAGE REFERENCE
More results


Similar Description - AMS9491

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE7080 NTE-NTE7080 Datasheet
20Kb / 2P
Integrated Circuit Precision Voltage Reference Diode, 1.235V
logo
Advanced Monolithic Sys...
AMS9491 ADMOS-AMS9491_1 Datasheet
70Kb / 7P
1.235V VOLTAGE REFERENCE
logo
Silicon Supplies
LM4040A-2.5 SS-LM4040A-2.5 Datasheet
441Kb / 4P
Voltage Reference
LM4040A-4.1 SS-LM4040A-4.1_V01 Datasheet
332Kb / 4P
Voltage Reference
Rev 1.2 02/11/21
LM4040A-1.2 SS-LM4040A-1.2_V01 Datasheet
594Kb / 4P
Voltage Reference
Rev 1.1 28/07/22
LM4040A-4.1 SS-LM4040A-4.1_V02 Datasheet
595Kb / 4P
Voltage Reference
Rev 1.3 28/07/22
LM4040C-1.2 SS-LM4040C-1.2 Datasheet
594Kb / 4P
Voltage Reference
Rev 1.1 28/07/22
LM4040C-2.5 SS-LM4040C-2.5 Datasheet
595Kb / 4P
Voltage Reference
Rev 1.1 29/07/22
LM4040A-10 SS-LM4040A-10 Datasheet
421Kb / 4P
Voltage Reference
Rev 1.0 26/10/23
LM4040C-10 SS-LM4040C-10 Datasheet
421Kb / 4P
Voltage Reference
Rev 1.0 26/10/23
More results




About Advanced Monolithic Systems


Advanced Monolithic Systems (AMS) is a semiconductor company that specializes in the design and manufacturing of analog and mixed-signal integrated circuits (ICs). The company was founded in 1989 and is headquartered in San Diego, California.

AMS offers a wide range of IC products, including voltage references, operational amplifiers, comparators, and analog switches. These products are used in a variety of applications, including automotive, communications, consumer electronics, and industrial automation.

AMS is known for its high-quality products and commitment to innovation. The company's ICs are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. AMS also offers custom design and engineering services to meet the specific needs of its customers.

AMS has a global presence, with sales offices and representatives located around the world. The company also maintains partnerships with a number of leading electronics manufacturers, ensuring that its products are available to customers worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com