Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBR521LT1 Datasheet (PDF) - Motorola, Inc

MMBR521LT1 Datasheet PDF - Motorola, Inc
Part # MMBR521LT1
Download  MMBR521LT1 Download
File Size   151.87 Kbytes
Page   8 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description HIGH-FREQUENCY TRANSISTOR PNP SILICON

MMBR521LT1 Datasheet (PDF)

Go To PDF Page Download Datasheet
MMBR521LT1 Datasheet PDF - Motorola, Inc

Part # MMBR521LT1
Download  MMBR521LT1 Click to download

File Size   151.87 Kbytes
Page   8 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description HIGH-FREQUENCY TRANSISTOR PNP SILICON

MMBR521LT1 Datasheet (HTML) - Motorola, Inc


MMBR521LT1 Product details

The RF Line
PNP Silicon High-Frequency Transistor

Designed primarily for use in the high–gain, low–noise small–signal amplifiers for operation up to 3.5 GHz. Also usable in applications requiring fast switching times.

• High Current Gain–Bandwidth Product —
    fT = 3.4 GHz (Typ) @ IC = –35 mAdc (MMBR521LT1)
    fT = 4.2 GHz (Typ) @ IC = –50 mAdc (MRF5211LT1)
• Low Noise Figure @ f = 1.0 GHz —
    NF(matched) = 2.5 dB (Typ) (MMBR521LT1)
    NF(matched) = 2.8 dB (Typ) (MRF5211LT1)
• High Power Gain — Gpe (matched) = 11 dB (Typ)
• Guaranteed RF Parameters
• Surface Mounted SOT–23 (MMBR521LT1) & SOT–143 (MRF5211LT1) Offer Improved RF Performance
    Lower Package Parasitics
    Higher Gain
• Available in tape and reel packaging options:
    T1 suffix = 3,000 units per reel




Similar Part No. - MMBR521LT1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMBR5031LT1 MOTOROLA-MMBR5031LT1 Datasheet
54Kb / 2P
NPN Silicon High-Frequency Transistor
logo
Samsung semiconductor
MMBR5179 SAMSUNG-MMBR5179 Datasheet
33Kb / 1P
RF AMPLIFIER TRANSISTOR
logo
Foshan Blue Rocket Elec...
MMBR5179 FOSHAN-MMBR5179 Datasheet
600Kb / 5P
Silicon NPN transistor in a SOT-23 Plastic Package
logo
Motorola, Inc
MMBR5179LT1 MOTOROLA-MMBR5179LT1 Datasheet
47Kb / 2P
RF AMPLIFIER TRANSISTOR NPN SILICON
logo
Microsemi Corporation
MMBR5179LT1 MICROSEMI-MMBR5179LT1 Datasheet
327Kb / 1P
RF & MICROWAVE TRANSISTORS
More results


Similar Description - MMBR521LT1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMBR4957LT1 MOTOROLA-MMBR4957LT1 Datasheet
66Kb / 4P
PNP Silicon High-Frequency Transistor
logo
Advanced Monolithic Sys...
AMS264 ADMOS-AMS264 Datasheet
22Kb / 3P
PNP SILICON HIGH FREQUENCY TRANSISTOR
logo
NEC
NE97733 NEC-NE97733 Datasheet
45Kb / 5P
PNP SILICON HIGH FREQUENCY TRANSISTOR
logo
Motorola, Inc
MM4019 MOTOROLA-MM4019 Datasheet
62Kb / 2P
HIGH FREQUENCY TRANSISTOR PNP SILICON
logo
Central Semiconductor C...
CM4957 CENTRAL-CM4957 Datasheet
108Kb / 2P
PNP HIGH FREQUENCY SILICON TRANSISTOR
CM5160 CENTRAL-CM5160 Datasheet
76Kb / 2P
PNP HIGH FREQUENCY SILICON TRANSISTOR
logo
California Eastern Labs
NE97833 CEL-NE97833 Datasheet
170Kb / 6P
PNP SILICON HIGH FREQUENCY TRANSISTOR
logo
Advanced Semiconductor
MRF545 ASI-MRF545 Datasheet
32Kb / 1P
PNP SILICON HIGH FREQUENCY TRANSISTOR
logo
California Eastern Labs
NE97733 CEL-NE97733 Datasheet
477Kb / 5P
PNP SILICON HIGH FREQUENCY TRANSISTOR
logo
Central Semiconductor C...
CM4957 CENTRAL-CM4957_15 Datasheet
112Kb / 2P
PNP HIGH FREQUENCY SILICON TRANSISTOR
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com