Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE9354 Datasheet (PDF) - Pasternack Enterprises, Inc.

PE9354 Datasheet PDF - Pasternack Enterprises, Inc.
Part # PE9354
Download  PE9354 Download
File Size   250.69 Kbytes
Page   2 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description SSMA Female to N Female Adapter

PE9354 Datasheet (PDF)

Go To PDF Page Download Datasheet
PE9354 Datasheet PDF - Pasternack Enterprises, Inc.

Part # PE9354
Download  PE9354 Click to download

File Size   250.69 Kbytes
Page   2 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description SSMA Female to N Female Adapter

PE9354 Datasheet (HTML) - Pasternack Enterprises, Inc.


PE9354 Product details

SSMA Female to N Female Adapter

Configuration
    Connector 1 SSMA Female
    Impedance 1 50 Ohms
    Connector 2 N Female
    Impedance 2 50 Ohms
    Adapter Design Standard
    Body Style Straight




Similar Part No. - PE9354

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE9354 PEREGRINE-PE9354 Datasheet
188Kb / 7P
SPDT High Power UltraCMOS??RF Switch Rad hard for Space Applications
logo
Peregrine Semiconductor
PE9354 PSEMI-PE9354 Datasheet
189Kb / 7P
SPDT High Power UltraCMOS RF Switch Rad hard for Space Applications
logo
Peregrine Semiconductor...
PE9354-EK PEREGRINE-PE9354-EK Datasheet
188Kb / 7P
SPDT High Power UltraCMOS??RF Switch Rad hard for Space Applications
PE9354ES PEREGRINE-PE9354ES Datasheet
188Kb / 7P
SPDT High Power UltraCMOS??RF Switch Rad hard for Space Applications
More results


Similar Description - PE9354

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9189 PASTERNACK-PE9189 Datasheet
244Kb / 2P
SSMA Female to SSMA Female Bulkhead Adapter
PE9192 PASTERNACK-PE9192 Datasheet
239Kb / 2P
SSMA Female to SSMA Female Adapter
PE9352 PASTERNACK-PE9352 Datasheet
249Kb / 2P
SSMA Female to N Male Adapter
PE9353 PASTERNACK-PE9353 Datasheet
251Kb / 2P
SSMA Male to N Female Adapter
PE9358 PASTERNACK-PE9358 Datasheet
240Kb / 3P
SSMA Male to SSMA Female Adapter
PE9399 PASTERNACK-PE9399 Datasheet
239Kb / 2P
SMA Female to SSMA Female Adapter
PE9685 PASTERNACK-PE9685 Datasheet
258Kb / 3P
QD SSMA Male to SSMA Female Adapter
PE9769 PASTERNACK-PE9769 Datasheet
253Kb / 3P
Precision 2.92mm Female to SSMA Female Adapter
PE9189 PASTERNACK-PE9189 Datasheet
244Kb / 2P
SSMA Female to SSMA Female Bulkhead Adapter
PE9192 PASTERNACK-PE9192 Datasheet
239Kb / 2P
SSMA Female to SSMA Female Adapter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com