Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMS500L-50 Datasheet (PDF) - Advanced Monolithic Systems

AMS500L-50 Datasheet PDF - Advanced Monolithic Systems
Part # AMS500L-50
Download  AMS500L-50 Download
File Size   62.08 Kbytes
Page   7 Pages
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems
Description LOW COST 500mA REGULATOR

AMS500L-50 Datasheet (PDF)

Go To PDF Page Download Datasheet
AMS500L-50 Datasheet PDF - Advanced Monolithic Systems

Part # AMS500L-50
Download  AMS500L-50 Click to download

File Size   62.08 Kbytes
Page   7 Pages
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems
Description LOW COST 500mA REGULATOR

AMS500L-50 Datasheet (HTML) - Advanced Monolithic Systems


AMS500L-50 Product details

GENERAL DESCRIPTION
The AMS500 series consists of positive fixed and adjustable voltage regulators ideally suited for use in battery-powered systems. These devices feature very low quiescent current of 0.8mA or less when supplying 50mA loads. This unique characteristic and the low input-output differential required for proper regulation (0.2V for output currents of 100mA) make the AMS500 ideal to use for standby power systems.
Internal circuitry of AMS500 is protected from input fault conditions caused by input voltages that exceed maximum rated input voltage. During line transients, when the input voltage to the regulator can momentarily exceed the specified maximum operating voltage, the regulator will automatically shut down to protect both internal circuits and the load. The AMS500 series also includes internal current limiting, thermal shutdown.
The AMS500 is offered in 3 lead TO-92, SOT-89, SOT-223 and 5 leads SOT-23 packages.

FEATURES
• Fixed and Adjustable Versions Available
• Output Current up to 500mA
• Very Low Quiescent Current
• Reverse Battery Protection
• Input-output Differential less than 0.6V
• Short Circuit Protection
• Internal Thermal Overload Protection
• Overvoltage Protection
• ON/OFF Pin

APPLICATIONS
• Cellular Telephones
• Portable Consumer Equipment
• Portable (Notebook) Computers
• Battery Powered Systems
• Portable Instrumentation
• Radio Control Systems
• CD/DVD drives
• Automotive




Similar Part No. - AMS500L-50

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS500 ADMOS-AMS500 Datasheet
70Kb / 8P
LOW COST 500mA REGULATOR
AMS500M1 ADMOS-AMS500M1 Datasheet
70Kb / 8P
LOW COST 500mA REGULATOR
AMS500 ADMOS-AMS500_05 Datasheet
70Kb / 8P
LOW COST 500mA REGULATOR
More results


Similar Description - AMS500L-50

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS3107 ADMOS-AMS3107 Datasheet
82Kb / 9P
500mA LOW DROPOUT VOLTAGE REGULATOR
logo
Anpec Electronics Corop...
APL1088 ANPEC-APL1088 Datasheet
86Kb / 10P
500mA Low Dropout Linear Regulator
logo
Advanced Monolithic Sys...
AMS2907 ADMOS-AMS2907 Datasheet
80Kb / 8P
500mA LOW DROPOUT VOLTAGE REGULATOR
logo
Unisonic Technologies
LM2937 UTC-LM2937 Datasheet
144Kb / 10P
500mA LOW DROPOUT VOLTAGE REGULATOR
logo
Analog Microelectronics
AME8753 AME-AME8753 Datasheet
220Kb / 11P
Low Dropout 500mA / 500mA Dual CMOS LDO Regulator
logo
Advanced Monolithic Sys...
AMS500 ADMOS-AMS500_05 Datasheet
70Kb / 8P
LOW COST 500mA REGULATOR
AMS3107 ADMOS-AMS3107_1 Datasheet
77Kb / 9P
500mA LOW DROPOUT VOLTAGE REGULATOR
logo
Taiwan Memory Technolog...
T6328A TMT-T6328A Datasheet
473Kb / 10P
500mA Low Dropout Voltage Regulator
logo
Micrel Semiconductor
MIC5237 MICREL-MIC5237_07 Datasheet
177Kb / 9P
500mA Low-Dropout Regulator
logo
Texas Instruments
REG103-25 TI1-REG103-25 Datasheet
937Kb / 26P
500mA Low-Dropout Regulator
More results




About Advanced Monolithic Systems


Advanced Monolithic Systems (AMS) is a semiconductor company that specializes in the design and manufacturing of analog and mixed-signal integrated circuits (ICs). The company was founded in 1989 and is headquartered in San Diego, California.

AMS offers a wide range of IC products, including voltage references, operational amplifiers, comparators, and analog switches. These products are used in a variety of applications, including automotive, communications, consumer electronics, and industrial automation.

AMS is known for its high-quality products and commitment to innovation. The company's ICs are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. AMS also offers custom design and engineering services to meet the specific needs of its customers.

AMS has a global presence, with sales offices and representatives located around the world. The company also maintains partnerships with a number of leading electronics manufacturers, ensuring that its products are available to customers worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com