Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE8015 Datasheet (PDF) - Pasternack Enterprises, Inc.

PE8015 Datasheet PDF - Pasternack Enterprises, Inc.
Part # PE8015
Download  PE8015 Download
File Size   138.14 Kbytes
Page   1 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description SMA ZERO BIAS SCJPTTKY DIODE DETECTOR FREQUENCY RANGE:2.0- 4.0 GHz

PE8015 Datasheet (PDF)

Go To PDF Page Download Datasheet
PE8015 Datasheet PDF - Pasternack Enterprises, Inc.

Part # PE8015
Download  PE8015 Click to download

File Size   138.14 Kbytes
Page   1 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description SMA ZERO BIAS SCJPTTKY DIODE DETECTOR FREQUENCY RANGE:2.0- 4.0 GHz

PE8015 Datasheet (HTML) - Pasternack Enterprises, Inc.




Similar Part No. - PE8015

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PE801 MACOM-PE801 Datasheet
1Mb / 7P
PE Range Moulded Case Current Transformers
01/05
logo
Pasternack Enterprises,...
PE8010 PASTERNACK-PE8010 Datasheet
245Kb / 3P
Zero Biased Detector With 50 Ohm SMA Male to SMA Female Video Out Operating From 10 MHz to 2 GHz
PE8011 PASTERNACK-PE8011 Datasheet
360Kb / 3P
Zero Biased Detector With 50 Ohm SMA Male to SMA Female Negative Video Out Operating From 10 MHz to 4 GHz
PE8012 PASTERNACK-PE8012 Datasheet
249Kb / 3P
Zero Biased Detector With 50 Ohm SMA Male to SMA Female Video Out Operating From 10 MHz to 12.4 GHz
PE8012P PASTERNACK-PE8012P Datasheet
250Kb / 3P
Zero Biased Detector With 50 Ohm SMA Male to SMA Female Video Out Operating From 10 MHz to 12.4 GHz
More results


Similar Description - PE8015

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA4E931Z2-1261A MACOM-MA4E931Z2-1261A Datasheet
32Kb / 2P
Schottky Zero Bias Detector Diode
logo
M/A-COM Technology Solu...
MA4E931Z2-1261A MA-COM-MA4E931Z2-1261A Datasheet
69Kb / 1P
Schottky Zero Bias Detector Diode
logo
Pasternack Enterprises,...
PE8021 PASTERNACK-PE8021 Datasheet
87Kb / 1P
SMA PIN-PIN DIODE LIMITERS FREQUENCY RANGE: 2.0-8.0 GHz
PE8022 PASTERNACK-PE8022 Datasheet
118Kb / 1P
SMA PIN-PIN DIODE LIMITERS FREQUENCY RANGE: 2.0-18.0 GHz
logo
M/A-COM Technology Solu...
MADS-011010-1419 MA-COM-MADS-011010-1419_15 Datasheet
175Kb / 3P
Schottky Zero Bias Detector Diode Chip
MA4E931Z2-1261A MA-COM-MA4E931Z2-1261A_15 Datasheet
423Kb / 2P
Schottky Zero Bias Detector Diode
MADS-011010-1419 MA-COM-MADS-011010-1419 Datasheet
175Kb / 3P
Schottky Zero Bias Detector Diode Chip
MADS-011030-14280W MA-COM-MADS-011030-14280W Datasheet
537Kb / 3P
Schottky Zero Bias Detector Diode
MZB600 MA-COM-MZB600 Datasheet
655Kb / 5P
Zero Bias Detector Diode
MZBD-9161 MA-COM-MZBD-9161 Datasheet
523Kb / 3P
Zero Bias Beamlead Detector Diode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com