Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF571 Datasheet (PDF) - Motorola, Inc

MRF571 Datasheet PDF - Motorola, Inc
Part # MRF571
Download  MRF571 Download
File Size   212.8 Kbytes
Page   16 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description NPN Silicon High-Frequency Transistors

MRF571 Datasheet (PDF)

Go To PDF Page Download Datasheet
MRF571 Datasheet PDF - Motorola, Inc

Part # MRF571
Download  MRF571 Click to download

File Size   212.8 Kbytes
Page   16 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description NPN Silicon High-Frequency Transistors

MRF571 Datasheet (HTML) - Motorola, Inc


MRF571 Product details

The RF Line
NPN Silicon High-Frequency Transistors

Designed for low noise, wide dynamic range front–end amplifiers and low–noise VCO’s. Available in a surface–mountable plastic packages. This Motorola series of small–signal plastic transistors offers superior quality and performance at low cost.

• High Gain–Bandwidth Product
    fT = 8.0 GHz (Typ) @ 50 mA
• Low Noise Figure
    NFmin = 1.6 dB (Typ) @ f = 1.0 GHz (MRF5711LT1, MRF571)
• High Gain
    GNF = 17 dB (Typ) @ 30 mA/500 MHz (MMBR571LT1)
• High Power Gain
    Gpe (matched) = 13.5 dB (Typ) (MRF5711LT1)
• State–of–the–Art Technology
    Fine Line Geometry
    Ion–Implanted Arsenic Emitters
    Gold Top Metallization and Wires
    Silicon Nitride Passivation
• Available in tape and reel packaging options:
    T1 suffix = 3,000 units per reel




Similar Part No. - MRF571

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
MRF571 ASI-MRF571 Datasheet
23Kb / 1P
NPN SILICON RF TRANSISTOR
logo
American Accurate Compo...
MRF571 AAC-MRF571 Datasheet
4Mb / 7P
NPN Silicon High-Frequency Transistors
logo
New Jersey Semi-Conduct...
MRF571 NJSEMI-MRF571 Datasheet
84Kb / 1P
NPN SILICON HIGH FREQUENCY TRANSISTORS
More results


Similar Description - MRF571

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMBR941LT1 MOTOROLA-MMBR941LT1 Datasheet
309Kb / 17P
NPN Silicon Low Noise, High-Frequency Transistors
MMBR951ALT1 MOTOROLA-MMBR951ALT1 Datasheet
215Kb / 16P
NPN Silicon Low Noise, High-Frequency Transistors
MRF3866 MOTOROLA-MRF3866 Datasheet
59Kb / 4P
HIGH-FREQUENCY TRANSISTORS NPN SILICON
logo
California Eastern Labs
UPA801T CEL-UPA801T Datasheet
177Kb / 8P
NPN SILICON HIGH FREQUENCY
logo
Motorola, Inc
MMBR941 MOTOROLA-MMBR941_99 Datasheet
274Kb / 14P
NPN Silicon Low Noise, High-Frequency Transistors
MMBR951 MOTOROLA-MMBR951 Datasheet
232Kb / 13P
NPN Silicon Low Noise, High-Frequency Transistors
logo
New Jersey Semi-Conduct...
2N439 NJSEMI-2N439 Datasheet
241Kb / 3P
NPN HIGH FREQUENCY COMPUTER TRANSISTORS
2N439 NJSEMI-2N439 Datasheet
104Kb / 3P
NPN HIGH FREQUENCY COMPUTER TRANSISTORS
logo
American Accurate Compo...
MRF571 AAC-MRF571 Datasheet
4Mb / 7P
NPN Silicon High-Frequency Transistors
logo
New Jersey Semi-Conduct...
MRF571 NJSEMI-MRF571 Datasheet
84Kb / 1P
NPN SILICON HIGH FREQUENCY TRANSISTORS
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com