Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE8024 Datasheet (PDF) - Pasternack Enterprises, Inc.

PE8024 Datasheet PDF - Pasternack Enterprises, Inc.
Part # PE8024
Download  PE8024 Download
File Size   120.61 Kbytes
Page   1 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description SMA PIN-PIN DIODE LIMITERS FREQUENCY RANGE:6.0-18.0 GHz

PE8024 Datasheet (PDF)

Go To PDF Page Download Datasheet
PE8024 Datasheet PDF - Pasternack Enterprises, Inc.

Part # PE8024
Download  PE8024 Click to download

File Size   120.61 Kbytes
Page   1 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description SMA PIN-PIN DIODE LIMITERS FREQUENCY RANGE:6.0-18.0 GHz

PE8024 Datasheet (HTML) - Pasternack Enterprises, Inc.




Similar Part No. - PE8024

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE8020 PASTERNACK-PE8020 Datasheet
647Kb / 3P
SMA PIN-PIN Limiter, 100 Watts Peak Power, 18.5 dBm Flat Leakage, 2 GHz to 4 GHz
PE8021 PASTERNACK-PE8021 Datasheet
87Kb / 1P
SMA PIN-PIN DIODE LIMITERS FREQUENCY RANGE: 2.0-8.0 GHz
PE8022 PASTERNACK-PE8022 Datasheet
118Kb / 1P
SMA PIN-PIN DIODE LIMITERS FREQUENCY RANGE: 2.0-18.0 GHz
PE8023 PASTERNACK-PE8023 Datasheet
707Kb / 3P
SMA PIN-PIN Limiter, 100 Watts Peak Power, 16 dBm Flat Leakage, 4 GHz to 8 GHz
PE8025 PASTERNACK-PE8025 Datasheet
124Kb / 1P
SMA PIN-PIN DIODE LIMITERS FREQUENCY RANGE: 7.0-12.0 GHz
More results


Similar Description - PE8024

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE8021 PASTERNACK-PE8021 Datasheet
87Kb / 1P
SMA PIN-PIN DIODE LIMITERS FREQUENCY RANGE: 2.0-8.0 GHz
PE8022 PASTERNACK-PE8022 Datasheet
118Kb / 1P
SMA PIN-PIN DIODE LIMITERS FREQUENCY RANGE: 2.0-18.0 GHz
PE8025 PASTERNACK-PE8025 Datasheet
124Kb / 1P
SMA PIN-PIN DIODE LIMITERS FREQUENCY RANGE: 7.0-12.0 GHz
PE8026 PASTERNACK-PE8026 Datasheet
89Kb / 1P
SMA PIN-PIN DIODE LIMITERS FREQUENCY RANGE: 8.0-16.0 GHz
PE8027 PASTERNACK-PE8027 Datasheet
94Kb / 1P
SMA PIN-PIN DIODE LIMITERS FREQUENCY RNAGE: 11.0 -18.0 GHz
PE2212-10 PASTERNACK-PE2212-10 Datasheet
147Kb / 1P
SMA FEMALE DIRECTIONAL COUPLER BROADBAND FREQUENCY RANGE:7.0-18.0 GHz
PE2215-16 PASTERNACK-PE2215-16 Datasheet
282Kb / 1P
SMA FEMALE DIRECTIONAL COUPLER BROADBAND FREQUENCY RANGE:2.0-18.0 GHz
PE2215-20 PASTERNACK-PE2215-20 Datasheet
283Kb / 1P
SMA FEMALE DIRECTIONAL COUPLE BROADBAND FREQUENCY RANGE:2.0 -18.0 GHz
PE2216-6 PASTERNACK-PE2216-6 Datasheet
273Kb / 1P
SMA FEMALE DIRECTIONAL COIPLER BROADBAND FREQUENCY RANGE:4.0-18.0 GHz
PE2216-20 PASTERNACK-PE2216-20 Datasheet
147Kb / 1P
SMA FEMALE DIRECTIONAL COUPLER BROADBAND FREQUENCY RANGE:4.0-18.0 GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com