Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMS3102AL-35 Datasheet (PDF) - Advanced Monolithic Systems

AMS3102AL-35 Datasheet PDF - Advanced Monolithic Systems
Part # AMS3102AL-35
Download  AMS3102AL-35 Download
File Size   72.63 Kbytes
Page   8 Pages
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems
Description 300mA LOW DROPOUT VOLTAGE REGULATOR

AMS3102AL-35 Datasheet (PDF)

Go To PDF Page Download Datasheet
AMS3102AL-35 Datasheet PDF - Advanced Monolithic Systems

Part # AMS3102AL-35
Download  AMS3102AL-35 Click to download

File Size   72.63 Kbytes
Page   8 Pages
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems
Description 300mA LOW DROPOUT VOLTAGE REGULATOR

AMS3102AL-35 Datasheet (HTML) - Advanced Monolithic Systems


AMS3102AL-35 Product details

GENERAL DESCRIPTION
The AMS3102 series consists of positive fixed and adjustable voltage regulators ideally suited for use in battery-powered systems. These devices feature very low quiescent current of 0.3mA or less when supplying 10mA loads. This unique characteristic and the extremely low input-output differential required for proper regulation (0.25V for output currents of 100mA) make the AMS3102 ideal to use for standby power systems.

FEATURES
• Fixed and Adjustable Versions Available
• Output Current in excess of 300mA
• Very Low Quiescent Current
• Reverse Battery Protection
• Input-output Differential less than 0.6V
• Short Circuit Protection
• Internal Thermal Overload Protection
• Load Dump Protection
• Overvoltage Protection
• Mirror Image Insertion Protection
• ON/OFF Pin
• External PNP Drive

APPLICATIONS
• Cellular Telephones
• Portable Consumer Equipment
• Portable (Notebook) Computers
• Battery Powered Systems
• Portable Instrumentation
• Radio Control Systems
• CD/DVD drives




Similar Part No. - AMS3102AL-35

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS3102AL-35 ADMOS-AMS3102AL-35 Datasheet
171Kb / 8P
300mA LOW DROPOUT VOLTAGE REGULATOR
More results


Similar Description - AMS3102AL-35

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX1521 SIPEX-SPX1521 Datasheet
161Kb / 6P
300mA Low Dropout Voltage Regulator
SPX1521 SIPEX-SPX1521 Datasheet
94Kb / 8P
300mA Low Dropout Voltage Regulator
SPX2808 SIPEX-SPX2808 Datasheet
47Kb / 6P
300mA Low Dropout Voltage Regulator
SPX1521 SIPEX-SPX1521_07 Datasheet
595Kb / 8P
300mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS3102 ADMOS-AMS3102_1 Datasheet
171Kb / 8P
300mA LOW DROPOUT VOLTAGE REGULATOR
logo
Unisonic Technologies
LM2954 UTC-LM2954_12 Datasheet
261Kb / 7P
300mA LOW-DROPOUT VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
LM2954 ETL-LM2954 Datasheet
270Kb / 7P
300mA LOW-DROPOUT VOLTAGE REGULATOR
logo
Exar Corporation
SPX1521 EXAR-SPX1521 Datasheet
614Kb / 8P
300mA Low Dropout Voltage Regulator
logo
Unisonic Technologies
M2954 UTC-M2954_17 Datasheet
271Kb / 7P
300mA LOW-DROPOUT VOLTAGE REGULATOR
LM2954 UTC-LM2954_V01 Datasheet
280Kb / 5P
300mA LOW-DROPOUT VOLTAGE REGULATOR
More results




About Advanced Monolithic Systems


Advanced Monolithic Systems (AMS) is a semiconductor company that specializes in the design and manufacturing of analog and mixed-signal integrated circuits (ICs). The company was founded in 1989 and is headquartered in San Diego, California.

AMS offers a wide range of IC products, including voltage references, operational amplifiers, comparators, and analog switches. These products are used in a variety of applications, including automotive, communications, consumer electronics, and industrial automation.

AMS is known for its high-quality products and commitment to innovation. The company's ICs are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. AMS also offers custom design and engineering services to meet the specific needs of its customers.

AMS has a global presence, with sales offices and representatives located around the world. The company also maintains partnerships with a number of leading electronics manufacturers, ensuring that its products are available to customers worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com