Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX31865 Datasheet (PDF) - Maxim Integrated Products

MAX31865 Datasheet PDF - Maxim Integrated Products
Part # MAX31865
Download  MAX31865 Download
File Size   1588.03 Kbytes
Page   25 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description RTD-to-Digital Converter

MAX31865 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX31865 Datasheet PDF - Maxim Integrated Products

Part # MAX31865
Download  MAX31865 Click to download

File Size   1588.03 Kbytes
Page   25 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description RTD-to-Digital Converter

MAX31865 Datasheet (HTML) - Maxim Integrated Products


MAX31865 Product details

General Description

The MAX31865 is an easy-to-use resistance-to-digital converter optimized for platinum resistance temperature detectors (RTDs). An external resistor sets the sensitivity for the RTD being used and a precision delta-sigma ADC converts the ratio of the RTD resistance to the reference resistance into digital form. The MAX31865’s inputs are protected against overvoltage faults as large as ±50V. Programmable detection of RTD and cable open and short conditions is included.



Features

Simple Conversion of Platinum RTD Resistance to Digital Value

Handles 100Ωto 1kΩ(at 0°C) Platinum RTDs (PT100 to PT1000)

Compatible with 2-, 3-, and 4-wire Sensor Connections

Conversion Time: 21ms max

15-Bit ADC Resolution; Nominal Temperature  Resolution 0.03125NC (Varies Due to RTD Nonlinearity)

Total Accuracy Over All Operating Conditions: 0.5NC (0.05% of Full Scale) max

±50V Input Protection

Fully Differential VREFInputs

Fault Detection (Open RTD Element, RTD Shorted to Out-of-Range Voltage, or Short Across RTD Element)

SPI-Compatible Interface

20-Pin TQFN Package




Similar Part No. - MAX31865

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX31865 MAXIM-MAX31865 Datasheet
536Kb / 7P
Simple Conversion of Platinum RTD Resistance to Digital Value
19-6909; Rev 0; 1/14
MAX31865 MAXIM-MAX31865 Datasheet
1Mb / 13P
Fully Assembled and Tested
19-6500; Rev 0; 11/12
MAX31865AAP+ MAXIM-MAX31865AAP+ Datasheet
695Kb / 26P
RTD-to-Digital Converter
2015
MAX31865AAP+T MAXIM-MAX31865AAP+T Datasheet
695Kb / 26P
RTD-to-Digital Converter
2015
MAX31865ATP+ MAXIM-MAX31865ATP+ Datasheet
695Kb / 26P
RTD-to-Digital Converter
2015
More results


Similar Description - MAX31865

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
FB5201B PF-FB5201B Datasheet
518Kb / 3P
RTD Converter
FB5204B PF-FB5204B Datasheet
617Kb / 4P
RTD Converter
logo
Maxim Integrated Produc...
MAX31865 MAXIM-MAX31865_V01 Datasheet
695Kb / 26P
RTD-to-Digital Converter
2015
logo
Pepperl+Fuchs Inc.
FB5204B3 PF-FB5204B3 Datasheet
859Kb / 4P
RTD Converter
KFD0-TR-1 PF-KFD0-TR-1 Datasheet
864Kb / 5P
RTD Converter
KFD0-TR-EX1 PF-KFD0-TR-EX1 Datasheet
972Kb / 5P
RTD Converter
LB5001A PF-LB5001A Datasheet
513Kb / 3P
RTD Converter
2021-12-01
LB5004A PF-LB5004A Datasheet
667Kb / 3P
RTD Converter
2021-12-01
LB5101A PF-LB5101A Datasheet
575Kb / 4P
RTD Converter
2021-12-01
LB5104A PF-LB5104A Datasheet
685Kb / 4P
RTD Converter
2021-12-01
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com