Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS21A Datasheet (PDF) - Kwang Myoung I.S. CO.,LTD

BAS21A Datasheet PDF - Kwang Myoung I.S. CO.,LTD
Part # BAS21A
Download  BAS21A Download
File Size   62.45 Kbytes
Page   1 Pages
Manufacturer  KISEMICONDUCTOR [Kwang Myoung I.S. CO.,LTD]
Direct Link  http://www.kmis.co.kr/
Logo KISEMICONDUCTOR - Kwang Myoung I.S. CO.,LTD
Description SOT-23 Plastic-Encapsulate Diodes

BAS21A Datasheet (PDF)

Go To PDF Page Download Datasheet
BAS21A Datasheet PDF - Kwang Myoung I.S. CO.,LTD

Part # BAS21A
Download  BAS21A Click to download

File Size   62.45 Kbytes
Page   1 Pages
Manufacturer  KISEMICONDUCTOR [Kwang Myoung I.S. CO.,LTD]
Direct Link  http://www.kmis.co.kr/
Logo KISEMICONDUCTOR - Kwang Myoung I.S. CO.,LTD
Description SOT-23 Plastic-Encapsulate Diodes

BAS21A Datasheet (HTML) - Kwang Myoung I.S. CO.,LTD


BAS21A Product details

SWITCHING DIODE

FEATURES
    Power dissipation
        PD: 225 mW (Tamb=25℃)
    Forward Current
        IF: 200 m A
    Reverse Voltage
        VR: 250 V
    Operating and storage junction temperature range
        TJ, Tstg: -55℃ to +150℃




Similar Part No. - BAS21A

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
BAS21A WEITRON-BAS21A Datasheet
665Kb / 2P
Surface Mount Switching Diodes
logo
Pan Jit International I...
BAS21A PANJIT-BAS21A Datasheet
44Kb / 3P
SURFACE MOUNT, HIGH VOLTAGE, DUAL SWITCHING DIODES
logo
Galaxy Semi-Conductor H...
BAS21A BILIN-BAS21A Datasheet
177Kb / 3P
Surface mount switching diode
logo
Guangdong Kexin Industr...
BAS21A KEXIN-BAS21A Datasheet
41Kb / 1P
Surface Mount Switching Diodes
logo
Taiwan Semiconductor Co...
BAS21A TSC-BAS21A Datasheet
80Kb / 2P
225mW SMD Switching Diode
More results


Similar Description - BAS21A

ManufacturerPart #DatasheetDescription
logo
Tiger Electronic Co.,Lt...
1SS193 TGS-1SS193 Datasheet
393Kb / 2P
SOT-23 Plastic-Encapsulate Diodes
logo
WILLAS ELECTRONIC CORP
MMBD4148 WILLAS-MMBD4148 Datasheet
394Kb / 3P
SOT-23 Plastic-Encapsulate Diodes
logo
Kwang Myoung I.S. CO.,L...
1SS181 KISEMICONDUCTOR-1SS181 Datasheet
60Kb / 1P
SOT-23 Plastic-Encapsulate Diodes
1SS187 KISEMICONDUCTOR-1SS187 Datasheet
69Kb / 1P
SOT-23 Plastic-Encapsulate Diodes
1SS193 KISEMICONDUCTOR-1SS193 Datasheet
77Kb / 1P
SOT-23 Plastic-Encapsulate Diodes
logo
MAKO SEMICONDUCTOR CO.,...
BZX84C3V3 MAKOSEMI-BZX84C3V3 Datasheet
825Kb / 5P
SOT-23 Plastic-Encapsulate Diodes
logo
Nanjing International G...
BAS40-06-200MA-SOT-23 DGNJDZ-BAS40-06-200MA-SOT-23 Datasheet
338Kb / 2P
SOT-23 Plastic-Encapsulate Diodes
logo
Microdiode Semiconducto...
MMBD4148A CHENDA-MMBD4148A Datasheet
1Mb / 3P
SOT-23 Plastic-Encapsulate Diodes
logo
Nanjing International G...
NJ2105LT1G DGNJDZ-NJ2105LT1G Datasheet
1Mb / 5P
SOT-23 Plastic-Encapsulate Diodes
BAL99 DGNJDZ-BAL99 Datasheet
1Mb / 4P
SOT-23 Plastic-Encapsulate Diodes
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com