Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RG216-U Datasheet (PDF) - Pasternack Enterprises, Inc.

RG216-U Datasheet PDF - Pasternack Enterprises, Inc.
Part # RG216-U
Download  RG216-U Download
File Size   247.47 Kbytes
Page   1 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description 75 OHM COAXIAL CABLE

RG216-U Datasheet (PDF)

Go To PDF Page Download Datasheet
RG216-U Datasheet PDF - Pasternack Enterprises, Inc.

Part # RG216-U
Download  RG216-U Click to download

File Size   247.47 Kbytes
Page   1 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description 75 OHM COAXIAL CABLE

RG216-U Datasheet (HTML) - Pasternack Enterprises, Inc.




Similar Part No. - RG216-U

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
RG213 MULTICOMP-RG213 Datasheet
129Kb / 1P
RG213B Coaxial Cable
07/04/20 V1.0
logo
Pasternack Enterprises,...
RG213-U PASTERNACK-RG213-U Datasheet
363Kb / 3P
Flexible RG213 Coax Cable Single Shielded with Black PVC Jacket
logo
Multicomp Pro
RG213B MULTICOMP-RG213B Datasheet
129Kb / 1P
RG213B Coaxial Cable
07/04/20 V1.0
logo
Infinite Electronics In...
RG213HV-BULK FAIRVIEW-RG213HV-BULK Datasheet
479Kb / 3P
20kV Flexible RG213 High Voltage Coax Cable Single Shielded with Red PUR Jacket
REV 1A
logo
Multicomp Pro
RG214 MULTICOMP-RG214 Datasheet
130Kb / 1P
RG214 Coaxial Cable
07/04/20 V1.0
More results


Similar Description - RG216-U

ManufacturerPart #DatasheetDescription
logo
CONEC Elektronische Bau...
132J30019X CONEC-132J30019X Datasheet
194Kb / 1P
COAXIAL CONTACT SOCKET 75 OHM
131J30019X CONEC-131J30019X Datasheet
54Kb / 1P
COAXIAL CONTACT PLUG 75 OHM
logo
Pasternack Enterprises,...
PE-B305 PASTERNACK-PE-B305 Datasheet
136Kb / 1P
75 OHM COAXIAL CABLE
logo
ERNI Electronics
053308 ERNI-053308 Datasheet
48Kb / 1P
Coaxial Female Contact 75 Ohm
logo
Huber+Suhner, Inc.
21_BNC-75-2-5133_N HUBERSUHNER-21_BNC-75-2-5133_N Datasheet
344Kb / 2P
COAXIAL CONNECTOR, BNC, 75 Ohm, Straight cable jack (female)
11_BNC-75-2-18133_N HUBERSUHNER-11_BNC-75-2-18133_N Datasheet
158Kb / 2P
COAXIAL CONNECTOR, BNC, 75 Ohm, Straight cable plug (male)
11_BNC-75-4-30133_N HUBERSUHNER-11_BNC-75-4-30133_N Datasheet
158Kb / 2P
COAXIAL CONNECTOR, BNC, 75 Ohm, Straight cable plug (male)
21_N-75-4-8133_N HUBERSUHNER-21_N-75-4-8133_N Datasheet
2Mb / 2P
COAXIAL CONNECTOR, N, 75 Ohm, Straight cable jack (female)
21_N-75-4-9133_N HUBERSUHNER-21_N-75-4-9133_N Datasheet
163Kb / 2P
COAXIAL CONNECTOR, N, 75 Ohm, Straight cable jack (female)
11_TNC-75-2-1133_N HUBERSUHNER-11_TNC-75-2-1133_N Datasheet
310Kb / 2P
COAXIAL CONNECTOR, TNC, 75 Ohm, Straight cable plug (male)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com