Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NH13 Datasheet (PDF) - A-Data Technology

NH13 Datasheet PDF - A-Data Technology
Part # NH13
Download  NH13 Download
File Size   611.54 Kbytes
Page   1 Pages
Manufacturer  A-DATA [A-Data Technology]
Direct Link  https://www.adata.com
Logo A-DATA - A-Data Technology
Description SuperSpeed USB 3.0 Interface:Delivers data transfer rates up to 5Gb/s.

NH13 Datasheet (PDF)

Go To PDF Page Download Datasheet
NH13 Datasheet PDF - A-Data Technology

Part # NH13
Download  NH13 Click to download

File Size   611.54 Kbytes
Page   1 Pages
Manufacturer  A-DATA [A-Data Technology]
Direct Link  https://www.adata.com
Logo A-DATA - A-Data Technology
Description SuperSpeed USB 3.0 Interface:Delivers data transfer rates up to 5Gb/s.

NH13 Datasheet (HTML) - A-Data Technology




Similar Part No. - NH13

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NH130 ETC2-NH130 Datasheet
76Kb / 1P
Item NH130, Neo-Hold Bi-Pole Magnets
logo
Eclipse Magnetics Ltd
NH130 ECLIPSEMAGNETICS-NH130 Datasheet
180Kb / 1P
Neodymium NdFeB
logo
Motorola, Inc
NH1302A MOTOROLA-NH1302A Datasheet
221Kb / 6P
15 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 200 VOLTS 250 WATTS
More results


Similar Description - NH13

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IP4294CZ10 NXP-IP4294CZ10 Datasheet
609Kb / 2P
ESD protection for USB 3.0 (SuperSpeed USB) and eSATA data lines
August 2012
logo
A-Data Technology
SH14 A-DATA-SH14 Datasheet
576Kb / 1P
SuperSpeed USB 3.0 Interface: Equipped with a 2.5-inch 5,400 RPM hard drive and USB 3.0 transfer interface, achieving read/write performance up to 109MB/s.
logo
Future Technology Devic...
US232 FTDI-US232 Datasheet
334Kb / 2P
Data transfer rates from 300 baud to 460,800 baud
logo
Level One
GEP-0520 LVL1-GEP-0520 Datasheet
689Kb / 3P
9K jumbo frames to increase data transfer rates
logo
A-Data Technology
HV100 A-DATA-HV100 Datasheet
266Kb / 1P
SuperSpeed USB 3.0
logo
Maxim Integrated Produc...
MAX12935FWEVKIT MAXIM-MAX12935FWEVKIT Datasheet
1Mb / 9P
Broad Range of Data Transfer Rates (from DC to 200Mbps)
Rev 0; 11/17
MAX14434FWEVKIT MAXIM-MAX14434FWEVKIT Datasheet
1Mb / 11P
Broad Range of Data Transfer Rates (from DC to 200Mbps)
Rev 0; 7/17
MAX12931BSEVKIT MAXIM-MAX12931BSEVKIT Datasheet
4Mb / 20P
Broad Range of Data Transfer Rates (from DC to 150Mbps)
Rev 0; 6/16
logo
NXP Semiconductors
PTN36241B NXP-PTN36241B Datasheet
591Kb / 31P
SuperSpeed USB 3.0 redriver
Rev. 4-22 May2014
PTN36241G NXP-PTN36241G Datasheet
980Kb / 31P
SuperSpeed USB 3.0 redriver
Rev. 1-9 August2016
More results




About A-Data Technology


A-Data Technology is a Taiwan-based company that specializes in the design and manufacture of memory and storage products.
The company was founded in 2002 and has a strong presence in the global market, with operations and facilities in various countries across Asia, Europe, and the Americas.
A-Data offers a wide range of products including memory modules, solid-state drives (SSDs), flash memory cards, and other storage devices.
The company is known for its high-quality products, competitive prices, and innovation in the memory and storage industry.
A-Data works closely with its customers to provide customized memory and storage solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com