Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCXO-294A Datasheet (PDF) - Kyocera Kinseki Corpotation

VCXO-294A Datasheet PDF - Kyocera Kinseki Corpotation
Part # VCXO-294A
Download  VCXO-294A Download
File Size   149.93 Kbytes
Page   1 Pages
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation
Description Output frequency of 32.768 to 100MHz is available

VCXO-294A Datasheet (PDF)

Go To PDF Page Download Datasheet
VCXO-294A Datasheet PDF - Kyocera Kinseki Corpotation

Part # VCXO-294A
Download  VCXO-294A Click to download

File Size   149.93 Kbytes
Page   1 Pages
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation
Description Output frequency of 32.768 to 100MHz is available

VCXO-294A Datasheet (HTML) - Kyocera Kinseki Corpotation




Similar Part No. - VCXO-294A

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
VCXO-290 KSS-VCXO-290 Datasheet
135Kb / 1P
Output frequency of 12 to 36MHz is available
VCXO-293A KSS-VCXO-293A Datasheet
144Kb / 1P
Output frequency of 1.544 to 32.768MHz is available
More results


Similar Description - VCXO-294A

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS843101I-100 ICST-ICS843101I-100 Datasheet
244Kb / 17P
FEMTOCLOCKS??CRYSTAL-TO-LVPECL 100MHZ FREQUENCY MARGINING SYNTHESIZER
REV. A OCTOBER 20, 2005
logo
Kyocera Kinseki Corpota...
CXO-292 KSS-CXO-292 Datasheet
148Kb / 1P
Output frequency of 1 to 52MHz is available Clock crystal oscillator for industrial equipment
CXO-328 KSS-CXO-328 Datasheet
141Kb / 1P
Output frequency of 12 to 40MHz is available Clock crystal oscillator for industrial equipment
VCXO-290 KSS-VCXO-290 Datasheet
135Kb / 1P
Output frequency of 12 to 36MHz is available
VCXO-293A KSS-VCXO-293A Datasheet
144Kb / 1P
Output frequency of 1.544 to 32.768MHz is available
logo
Abracon Corporation
ABS25-32.768KHZ-T ABRACON-ABS25-32.768KHZ-T Datasheet
1Mb / 2P
32.768 kHz LOW FREQUENCY SMD CRYSTAL
05.31.11
ABS25-32.768KHZ-6-T ABRACON-ABS25-32.768KHZ-6-T Datasheet
1Mb / 2P
32.768 kHz LOW FREQUENCY SMD CRYSTAL
05.31.11
logo
WALSIN TECHNOLOGY CORPO...
MT18N102J500CT WALSIN-MT18N102J500CT Datasheet
5Mb / 27P
A wide selection of sizes is available
logo
Epson Company
TG-3541CE EPSON-TG-3541CE Datasheet
702Kb / 2P
Output frequency Built-in 32.768 kHz-DTCXO
TG-3541CEA EPSON-TG-3541CEA Datasheet
707Kb / 2P
Output frequency Built-in 32.768 kHz-DTCXO
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com