Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3375 Datasheet (PDF) - Linear Technology

LTC3375 Datasheet PDF - Linear Technology
Part # LTC3375
Download  LTC3375 Download
File Size   476.13 Kbytes
Page   36 Pages
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology
Description 8-Channel Programmable, Parallelable 1A Buck DC/DCs

LTC3375 Datasheet (PDF)

Go To PDF Page Download Datasheet
LTC3375 Datasheet PDF - Linear Technology

Part # LTC3375
Download  LTC3375 Click to download

File Size   476.13 Kbytes
Page   36 Pages
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology
Description 8-Channel Programmable, Parallelable 1A Buck DC/DCs

LTC3375 Datasheet (HTML) - Linear Technology




Similar Part No. - LTC3375

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3375 LINER-LTC3375 Datasheet
517Kb / 38P
Power Management Solution for Application Processors
LTC3375 LINER-LTC3375 Datasheet
5Mb / 44P
60V Low IQ Buck Controller Plus 4-Channel 8A Configurable Buck DC/DCs
logo
Analog Devices
LTC3375 AD-LTC3375 Datasheet
3Mb / 26P
5V, 3A Synchronous Step-Down Silent Switcher in 2mm x 2mm LQFN
11/19-REV.A
LTC3375 AD-LTC3375 Datasheet
1Mb / 24P
Dual 5V, 2A Synchronous Step-Down DC/DCs in 2mm 횞 2mm LQFN
11/19-REV.A
LTC3375 AD-LTC3375 Datasheet
1Mb / 22P
Dual 5V, 2A Synchronous Step-Down DC/DCs in 2mm 횞 2mm LQFN
More results


Similar Description - LTC3375

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3374 LINER-LTC3374 Datasheet
345Kb / 24P
8-Channel Parallelable 1A Buck DC/DCs
LTC3127 LINER-LTC3127_15 Datasheet
376Kb / 20P
1A Buck-Boost DC/DC Converter with Programmable Input Current Limit
LTC3374 LINER-LTC3374_15 Datasheet
379Kb / 26P
8-Channel Parallelable 1A Buck DC/DCs
LTC3370 LINER-LTC3370_15 Datasheet
974Kb / 24P
4-Channel 8A Configurable Buck DC/DCs
LTC3375 LINER-LTC3375_15 Datasheet
510Kb / 36P
8-Channel Programmable, Parallelable 1A Buck DC/DCs
LTC3370EUH LINER-LTC3370EUH Datasheet
933Kb / 10P
4-Channel 8A Configurable Buck DC/DCs
LTC3374EUHF LINER-LTC3374EUHF Datasheet
1Mb / 10P
8-Channel Parallelable 1A Buck DC/DC
LTC3375EUK LINER-LTC3375EUK Datasheet
748Kb / 14P
8-Channel Programmable, Parallelable, 1A Buck DC/DCs
LTC3370 LINER-LTC3370 Datasheet
796Kb / 24P
4-Channel 8A Configurable Buck DC/DCs
LTC3374A LINER-LTC3374A Datasheet
1Mb / 24P
High Accuracy 8-Channel Parallelable 1A Buck DC/DCs
More results




About Linear Technology


Linear Technology was a publicly traded company that designed, manufactured, and marketed a wide range of analog integrated circuits (ICs) for applications in industrial, automotive, communications, and computing industries.
The company was founded in 1981 and was headquartered in Milpitas, California.
Linear Technology was acquired by Analog Devices, Inc. in 2017.
Linear Technology was known for its high-performance analog ICs, including amplifiers, voltage regulators, data converters, power management ICs, and interface products.
The company's products were designed for use in a variety of applications, including automotive, industrial, and energy management systems, among others.
With a focus on innovation and customer satisfaction, Linear Technology was committed to providing its customers with high-quality, reliable solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com