Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4627 Datasheet (PDF) - Linear Technology

LTM4627 Datasheet PDF - Linear Technology
Part # LTM4627
Download  LTM4627 Download
File Size   2967.28 Kbytes
Page   36 Pages
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology
Description Dual 13A or Single 26A DC/DC 關Module Regulator

LTM4627 Datasheet (PDF)

Go To PDF Page Download Datasheet
LTM4627 Datasheet PDF - Linear Technology

Part # LTM4627
Download  LTM4627 Click to download

File Size   2967.28 Kbytes
Page   36 Pages
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology
Description Dual 13A or Single 26A DC/DC 關Module Regulator

LTM4627 Datasheet (HTML) - Linear Technology




Similar Part No. - LTM4627

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4627 LINER-LTM4627 Datasheet
372Kb / 28P
15A DC/DC 關Module Regulator
LTM4627 LINER-LTM4627 Datasheet
371Kb / 28P
Ultralow EMI 28VIN, 6A DC/DC 關Module Regulator
LTM4627 LINER-LTM4627 Datasheet
525Kb / 28P
EN55022B Compliant 36VIN, 15VOUT, 5A, DC/DC Module Regulator
LTM4627 LINER-LTM4627 Datasheet
704Kb / 36P
Dual 8A or Single 16A DC/DC 關Module Regulator
LTM4627 LINER-LTM4627 Datasheet
554Kb / 36P
Dual 13A or Single 26A DC/DC 關Module Regulator Frequency Synchronization
More results


Similar Description - LTM4627

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4628 LINER-LTM4628 Datasheet
704Kb / 36P
Dual 8A or Single 16A DC/DC 關Module Regulator
LTM4620A LINER-LTM4620A Datasheet
554Kb / 36P
Dual 13A or Single 26A DC/DC 關Module Regulator Frequency Synchronization
logo
Linear Dimensions Semic...
LTM4628IVPBF LINEAR_DIMENSIONS-LTM4628IVPBF Datasheet
707Kb / 36P
Dual 8A or Single 16A DC/DC 關Module Regulator
logo
Linear Technology
LTM4620 LINER-LTM4620_15 Datasheet
657Kb / 40P
Dual 13A or Single 26A DC/DC Module Regulator
LTM4620A LINER-LTM4620A_15 Datasheet
716Kb / 40P
Dual 13A or Single 26A DC/DC Module Regulator
LTM4676A LINER-LTM4676A_15 Datasheet
1Mb / 130P
Dual 13A or Single 26A Module Regulator with Digital Power System Management
LTM4676 LINER-LTM4676_15 Datasheet
1Mb / 78P
Dual 13A or Single 26A Module Regulator with Digital Power System Management
LTM4630A LINER-LTM4630A Datasheet
1Mb / 38P
Dual 18A or Single 36A DC/DC 關Module Regulator
LTM4650AEY LINER-LTM4650AEY Datasheet
1Mb / 12P
Dual 25A or Single 50A DC/DC 關Module Regulator
LTM4676A LINER-LTM4676A Datasheet
2Mb / 136P
Dual 13A or Single 26A 關Module Regulator with Digital Power System Management
More results




About Linear Technology


Linear Technology was a publicly traded company that designed, manufactured, and marketed a wide range of analog integrated circuits (ICs) for applications in industrial, automotive, communications, and computing industries.
The company was founded in 1981 and was headquartered in Milpitas, California.
Linear Technology was acquired by Analog Devices, Inc. in 2017.
Linear Technology was known for its high-performance analog ICs, including amplifiers, voltage regulators, data converters, power management ICs, and interface products.
The company's products were designed for use in a variety of applications, including automotive, industrial, and energy management systems, among others.
With a focus on innovation and customer satisfaction, Linear Technology was committed to providing its customers with high-quality, reliable solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com