Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE9646 Datasheet (PDF) - Pasternack Enterprises, Inc.

PE9646 Datasheet PDF - Pasternack Enterprises, Inc.
Part # PE9646
Download  PE9646 Download
File Size   250.32 Kbytes
Page   3 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description Precision 2.92mm Female to 2.92mm Female Right Angle Adapter

PE9646 Datasheet (PDF)

Go To PDF Page Download Datasheet
PE9646 Datasheet PDF - Pasternack Enterprises, Inc.

Part # PE9646
Download  PE9646 Click to download

File Size   250.32 Kbytes
Page   3 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description Precision 2.92mm Female to 2.92mm Female Right Angle Adapter

PE9646 Datasheet (HTML) - Pasternack Enterprises, Inc.




Similar Part No. - PE9646

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9640 PASTERNACK-PE9640 Datasheet
248Kb / 3P
Precision Bulkhead 2.4mm Female to 2.4mm Female Adapter
PE9641 PASTERNACK-PE9641 Datasheet
252Kb / 3P
Precision SMA Male to SMA Female Radius Right Angle Adapter
PE9642 PASTERNACK-PE9642 Datasheet
363Kb / 4P
SMA Male to SMA Male Right Angle Adapter
PE9644 PASTERNACK-PE9644 Datasheet
249Kb / 3P
Precision 2.92mm Male to 2.92mm Female Right Angle Adapter
logo
Pletronics, Inc.
PE9644DEV PLETRONICS-PE9644DEV Datasheet
138Kb / 8P
PE96/PE98 Series 3.3 V PECL Clock Oscillators
More results


Similar Description - PE9646

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9437 PASTERNACK-PE9437 Datasheet
239Kb / 3P
Precision 2.92mm Male to 2.92mm Female Adapter
PE9438 PASTERNACK-PE9438 Datasheet
247Kb / 3P
Precision 2.92mm Female to 2.92mm Female Adapter
PE9456 PASTERNACK-PE9456 Datasheet
238Kb / 3P
Precision 2.92mm Female to 2.4mm Female Adapter
PE9644 PASTERNACK-PE9644 Datasheet
249Kb / 3P
Precision 2.92mm Male to 2.92mm Female Right Angle Adapter
PE9647 PASTERNACK-PE9647 Datasheet
256Kb / 3P
Precision 2.92mm Female to 2.92mm Female Bulkhead Adapter
PE9660 PASTERNACK-PE9660 Datasheet
242Kb / 2P
Precision 3.5mm Female to 2.92mm Female Adapter
PE9664 PASTERNACK-PE9664 Datasheet
251Kb / 2P
Precision 2.92mm Female to N Female Adapter
PE91011 PASTERNACK-PE91011 Datasheet
246Kb / 3P
Precision SMA Female to 2.92mm Female Adapter
PE91070 PASTERNACK-PE91070 Datasheet
243Kb / 3P
Precision 2.92mm Male to 2.92mm Female Radius Right Angle Adapter Up To 40GHz
PE91113 PASTERNACK-PE91113 Datasheet
249Kb / 3P
Precision 4 Hole Flange 2.92mm Female to 2.92mm Female Adapter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com