Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE9666 Datasheet (PDF) - Pasternack Enterprises, Inc.

PE9666 Datasheet PDF - Pasternack Enterprises, Inc.
Part # PE9666
Download  PE9666 Download
File Size   249.51 Kbytes
Page   3 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description Precision 2.92mm Male to 1.85mm Female Adapter

PE9666 Datasheet (PDF)

Go To PDF Page Download Datasheet
PE9666 Datasheet PDF - Pasternack Enterprises, Inc.

Part # PE9666
Download  PE9666 Click to download

File Size   249.51 Kbytes
Page   3 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description Precision 2.92mm Male to 1.85mm Female Adapter

PE9666 Datasheet (HTML) - Pasternack Enterprises, Inc.




Similar Part No. - PE9666

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9660 PASTERNACK-PE9660 Datasheet
242Kb / 2P
Precision 3.5mm Female to 2.92mm Female Adapter
PE9661 PASTERNACK-PE9661 Datasheet
251Kb / 2P
Precision 2.92mm Male to N Male Adapter
PE9662 PASTERNACK-PE9662 Datasheet
251Kb / 3P
Precision 2.92mm Male to N Female Adapter
PE9663 PASTERNACK-PE9663 Datasheet
248Kb / 3P
Precision 2.92mm Female to N Male Adapter
PE9664 PASTERNACK-PE9664 Datasheet
251Kb / 2P
Precision 2.92mm Female to N Female Adapter
More results


Similar Description - PE9666

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9437 PASTERNACK-PE9437 Datasheet
239Kb / 3P
Precision 2.92mm Male to 2.92mm Female Adapter
PE9455 PASTERNACK-PE9455 Datasheet
238Kb / 3P
Precision 2.92mm Male to 2.4mm Female Adapter
PE9663 PASTERNACK-PE9663 Datasheet
248Kb / 3P
Precision 2.92mm Female to N Male Adapter
PE9665 PASTERNACK-PE9665 Datasheet
250Kb / 2P
Precision 2.92mm Female to 1.85mm Male Adapter
PE9668 PASTERNACK-PE9668 Datasheet
252Kb / 3P
Precision 2.92mm Female to 1.85mm Female Adapter
PE9715 PASTERNACK-PE9715 Datasheet
247Kb / 3P
Precision 1.85mm Male to 1.85mm Female Adapter
logo
Amphenol Corporation
SF1133-6019 AMPHENOL-SF1133-6019 Datasheet
101Kb / 1P
ADAPTER 1.85mm FEMALE TO 2.92mm MALE
SF1133-6020 AMPHENOL-SF1133-6020 Datasheet
88Kb / 1P
ADAPTER 1.85mm MALE TO 2.92mm FEMALE
SF1133-6021 AMPHENOL-SF1133-6021 Datasheet
85Kb / 1P
ADAPTER 1.85mm FEMALE TO 2.92mm FEMALE
SF1133-6022 AMPHENOL-SF1133-6022 Datasheet
88Kb / 1P
ADAPTER 1.85mm MALE TO 2.92mm FEMALE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com