Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE9775 Datasheet (PDF) - Pasternack Enterprises, Inc.

PE9775 Datasheet PDF - Pasternack Enterprises, Inc.
Part # PE9775
Download  PE9775 Download
File Size   257.49 Kbytes
Page   3 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description SMP Female to SMP Female Adapter 19.5mm Long Bullet

PE9775 Datasheet (PDF)

Go To PDF Page Download Datasheet
PE9775 Datasheet PDF - Pasternack Enterprises, Inc.

Part # PE9775
Download  PE9775 Click to download

File Size   257.49 Kbytes
Page   3 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description SMP Female to SMP Female Adapter 19.5mm Long Bullet

PE9775 Datasheet (HTML) - Pasternack Enterprises, Inc.




Similar Part No. - PE9775

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9770 PASTERNACK-PE9770 Datasheet
243Kb / 2P
N Female to Reverse Polarity N Male Adapter
PE9771 PASTERNACK-PE9771 Datasheet
236Kb / 2P
N Male to Reverse Polarity N Female Adapter
PE9772 PASTERNACK-PE9772 Datasheet
77Kb / 1P
REVERSE POLARITY N MALE TO REVERSE POLARITY N MALE
PE9773 PASTERNACK-PE9773 Datasheet
240Kb / 2P
Reverse Polarity N Female to Reverse Polarity N Female Adapter
PE9774 PASTERNACK-PE9774 Datasheet
251Kb / 3P
Precision QD SMA Male to SMA Female Adapter
More results


Similar Description - PE9775

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9776 PASTERNACK-PE9776 Datasheet
257Kb / 3P
SMP Female to SMP Female Adapter 12.6mm Long Bullet
PE9777 PASTERNACK-PE9777 Datasheet
258Kb / 3P
SMP Female to SMP Female Adapter 6.45mm Long Bullet
PE9780 PASTERNACK-PE9780 Datasheet
258Kb / 3P
Mini SMP Female to Mini SMP Female Adapter
PE91004 PASTERNACK-PE91004 Datasheet
109Kb / 1P
BULLET, SMP FEMALE TO SMP FEMALE, 22.4mm LONG
PE91065 PASTERNACK-PE91065 Datasheet
745Kb / 3P
Precision SMP Female to SMP Female Adapter
PE91069 PASTERNACK-PE91069 Datasheet
458Kb / 3P
Precision Mini SMP Female to Mini SMP Female Adapter
logo
List of Unclassifed Man...
P617 ETC2-P617 Datasheet
149Kb / 1P
SMP FEMALE TO SMP FEMALE STRAIGHT ADAPTER
logo
Pasternack Enterprises,...
PE91072 PASTERNACK-PE91072 Datasheet
249Kb / 3P
SMP Female to SMP Female Adapter .370 Special Length
PE91099 PASTERNACK-PE91099 Datasheet
362Kb / 3P
SMP Female to SMP Female Adapter .562 Special Length
PE91102 PASTERNACK-PE91102 Datasheet
495Kb / 3P
SMP Female to SMP Female Adapter .377 Special Length
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com