Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR10100 Datasheet (PDF) - Microdiode Semiconductor (Shenzhen) Co., Ltd

MBR10100 Datasheet PDF - Microdiode Semiconductor (Shenzhen) Co., Ltd
Part # MBR10100
Download  MBR10100 Download
File Size   350.56 Kbytes
Page   2 Pages
Manufacturer  CHENDA [Microdiode Semiconductor (Shenzhen) Co., Ltd]
Direct Link  http://www.microdiode.com/en
Logo CHENDA - Microdiode Semiconductor (Shenzhen) Co., Ltd
Description 10 AMPERES SCHOTTKY BARRIER RECTIFIERS VOLTAGE 40 to 200 Volts CURRENT

MBR10100 Datasheet (PDF)

Go To PDF Page Download Datasheet
MBR10100 Datasheet PDF - Microdiode Semiconductor (Shenzhen) Co., Ltd

Part # MBR10100
Download  MBR10100 Click to download

File Size   350.56 Kbytes
Page   2 Pages
Manufacturer  CHENDA [Microdiode Semiconductor (Shenzhen) Co., Ltd]
Direct Link  http://www.microdiode.com/en
Logo CHENDA - Microdiode Semiconductor (Shenzhen) Co., Ltd
Description 10 AMPERES SCHOTTKY BARRIER RECTIFIERS VOLTAGE 40 to 200 Volts CURRENT

MBR10100 Datasheet (HTML) - Microdiode Semiconductor (Shenzhen) Co., Ltd


MBR10100 Product details

Reverse Voltage - 20 to 100 Volts Forward Current -10.0 Amperes

FEATURES
♦ The plastic package carries Underwriters Laboratory
   Flammability Classification 94V-0
♦ Construction utilizes void-free
   molded plastic technique
♦ Low reverse leakage
♦ High forward surge current capability
♦ High temperature soldering guaranteed:
   250 °C,0.25”(6.35mm) from case for 10 seconds

MECHANICAL DATA
   Case: TO-220AC molded plastic body
   Terminals: Leads solderable per MIL-STD-750,
   Method 2026
   Polarity: As marked
   Mounting Position: Any
   Weight:0.064 ounce, 1.81 grams




Similar Part No. - MBR10100

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MBR10100 MOTOROLA-MBR10100 Datasheet
83Kb / 4P
SWITCHMODE??Power Rectifiers
logo
Vishay Siliconix
MBR10100 VISHAY-MBR10100 Datasheet
125Kb / 3P
High Voltage Schottky Rectifiers
01-Jul-02
logo
Taiwan Semiconductor Co...
MBR10100 TSC-MBR10100 Datasheet
56Kb / 2P
10.0 AMPS. Schottky Barrier Rectifiers
logo
ON Semiconductor
MBR10100 ONSEMI-MBR10100 Datasheet
58Kb / 4P
SWITCHMODE Power Rectifiers
February, 2006 ??Rev. 6
logo
Taiwan Semiconductor Co...
MBR10100 TSC-MBR10100 Datasheet
264Kb / 2P
10.0 AMPS. Schottky Barrier Rectifiers
More results


Similar Description - MBR10100

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MBRP20045CT MOTOROLA-MBRP20045CT Datasheet
59Kb / 2P
SCHOTTKY BARRIER RECTIFIERS 200 AMPERES 45 to 60 VOLTS
logo
Rectron Semiconductor
SR1240-C-S-R01 RECTRON-SR1240-C-S-R01 Datasheet
201Kb / 3P
SCHOTTKY BARRIER RECTIFIER VOLTAGE 40 Volts CURRENT 12 Amperes
logo
Gaomi Xinghe Electronic...
SRF1060 GXELECTRONICS-SRF1060 Datasheet
473Kb / 2P
SCHOTTKY BARRIER RECTIFIER Reverse Voltage - 20 to 200 Volts Forward Current - 10.Amperes
logo
Formosa MS
MBR1640CT FORMOSA-MBR1640CT Datasheet
193Kb / 2P
REVERSE VOLTAGE 40 to 200 Volts RORWARD CURRENT 10.0 Amperes
MBR2040CT FORMOSA-MBR2040CT Datasheet
168Kb / 2P
REVERSE VOLTAGE 40 to 200 Volts RORWARD CURRENT 20.0 Amperes
logo
GOOD-ARK Electronics
1N5820 GOOD-ARK-1N5820_15 Datasheet
183Kb / 2P
Schottky Barrier Rectifiers Reverse Voltage 20 to 40 Volts Forward Current 3.0 Amperes
logo
First Silicon Co., Ltd
MBR30200CT FS-MBR30200CT Datasheet
292Kb / 3P
Dual Schottky Barrier Rectifiers Reverse Voltage 200 Volts Forward Current 30.0 Amperes
MBR6040PT FS-MBR6040PT Datasheet
393Kb / 2P
Schottky Barrier Rectifiers Reverse Voltage 40 to 200 Volts, Forward Current 60A
logo
Rectron Semiconductor
ISR10200 RECTRON-ISR10200 Datasheet
268Kb / 5P
SCHOTTKY BARRIER RECTIFIER VOLTAGE 200 Volts CURRENT 10.0 Amperes
SR4020C RECTRON-SR4020C Datasheet
865Kb / 5P
SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 200 Volts CURRENT 40 Amperes
2022-04/52 REV:B
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com