Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJWI20 Datasheet (PDF) - Minmax Technology Co., Ltd.

MJWI20 Datasheet PDF - Minmax Technology Co., Ltd.
Part # MJWI20
Download  MJWI20 Download
File Size   420.84 Kbytes
Page   9 Pages
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.
Description DC/DC CONVERTER 20W, Highest Power Density

MJWI20 Datasheet (PDF)

Go To PDF Page Download Datasheet
MJWI20 Datasheet PDF - Minmax Technology Co., Ltd.

Part # MJWI20
Download  MJWI20 Click to download

File Size   420.84 Kbytes
Page   9 Pages
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.
Description DC/DC CONVERTER 20W, Highest Power Density

MJWI20 Datasheet (HTML) - Minmax Technology Co., Ltd.




Similar Part No. - MJWI20

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
MJWI20 TOTAL-POWER-MJWI20 Datasheet
576Kb / 9P
Smallest Encapsulated 20W Converter
MJWI20-24D12 TOTAL-POWER-MJWI20-24D12 Datasheet
576Kb / 9P
Smallest Encapsulated 20W Converter
MJWI20-24D15 TOTAL-POWER-MJWI20-24D15 Datasheet
576Kb / 9P
Smallest Encapsulated 20W Converter
MJWI20-24S033 TOTAL-POWER-MJWI20-24S033 Datasheet
576Kb / 9P
Smallest Encapsulated 20W Converter
MJWI20-24S05 TOTAL-POWER-MJWI20-24S05 Datasheet
576Kb / 9P
Smallest Encapsulated 20W Converter
More results


Similar Description - MJWI20

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MJW25 MINMAX-MJW25 Datasheet
374Kb / 10P
DC/DC CONVERTER 25W, Highest Power Density 1
MKW50 MINMAX-MKW50 Datasheet
452Kb / 9P
DC/DC CONVERTER 50W, Highest Power Density
MKWI50 MINMAX-MKWI50 Datasheet
379Kb / 8P
DC/DC CONVERTER 50W Highest Power Density Smallest encapsulated 50W Converter
MKW40 MINMAX-MKW40 Datasheet
456Kb / 9P
DC/DC CONVERTER 40W, Highest Power Density
MKWI40 MINMAX-MKWI40 Datasheet
413Kb / 8P
DC/DC CONVERTER 40W, Highest Power Density
MJWI20 MINMAX-MJWI20_15 Datasheet
844Kb / 10P
DC/DC CONVERTER 20W, Highest Power Density
MKW50 MINMAX-MKW50_15 Datasheet
777Kb / 10P
DC/DC CONVERTER 50W, Highest Power Density
MKWI40 MINMAX-MKWI40_15 Datasheet
936Kb / 12P
DC/DC CONVERTER 40W, Highest Power Density
MKWI50 MINMAX-MKWI50_15 Datasheet
842Kb / 10P
DC/DC CONVERTER 50W, Highest Power Density
MJW25 MINMAX-MJW25_15 Datasheet
806Kb / 10P
DC/DC CONVERTER 25W, Highest Power Density
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com