Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBZ20VALT1 Datasheet (PDF) - Motorola, Inc

MMBZ20VALT1 Datasheet PDF - Motorola, Inc
Part # MMBZ20VALT1
Download  MMBZ20VALT1 Download
File Size   129.53 Kbytes
Page   6 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description SOT-23 COMMON ANODE DUAL ZENER OVERVOLTAGE TRANSIENT SUPPRESSORS 24 & 40 WATTS PEAK POWER

MMBZ20VALT1 Datasheet (PDF)

Go To PDF Page Download Datasheet
MMBZ20VALT1 Datasheet PDF - Motorola, Inc

Part # MMBZ20VALT1
Download  MMBZ20VALT1 Click to download

File Size   129.53 Kbytes
Page   6 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description SOT-23 COMMON ANODE DUAL ZENER OVERVOLTAGE TRANSIENT SUPPRESSORS 24 & 40 WATTS PEAK POWER

MMBZ20VALT1 Datasheet (HTML) - Motorola, Inc


MMBZ20VALT1 Product details

5.6, 6.2 15 & 20 Volt SOT-23 Dual Monolithic Common Anode Zeners
Transient Voltage Suppressors for ESD Protection

These dual monolithic silicon zener diodes are designed for applications requiring transient overvoltage protection capability. They are intended for use in voltage and ESD sensitive equipment such as computers, printers, business machines, communication systems, medical equipment and other applications. Their dual junction common anode design protects two separate lines using only one package. These devices are ideal for situations where board space is at a premium.

Specification Features:
• SOT–23 Package Allows Either Two Separate Unidirectional Configurations or a Single
    Bidirectional Configuration
• Peak Power — 24 or 40 Watts @ 1.0 ms (Unidirectional), per Figure 5 Waveform
• Maximum Clamping Voltage @ Peak Pulse Current
• Low Leakage < 5.0 µA
• ESD Rating of Class N (exceeding 16 kV) per the Human Body Model

Mechanical Characteristics:
• Void Free, Transfer–Molded, Thermosetting Plastic Case
• Corrosion Resistant Finish, Easily Solderable
• Package Designed for Optimal Automated Board Assembly
• Small Package Size for High Density Applications
• Available in 8 mm Tape and Reel




Similar Part No. - MMBZ20VALT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBZ20VALT1 ONSEMI-MMBZ20VALT1 Datasheet
70Kb / 8P
24 and 40 Watt Peak Power Zener Transient Voltage Suppressors
August, 2004 ??Rev. 7
MMBZ20VALT1G ONSEMI-MMBZ20VALT1G Datasheet
70Kb / 8P
24 and 40 Watt Peak Power Zener Transient Voltage Suppressors
August, 2004 ??Rev. 7
MMBZ20VALT1G ONSEMI-MMBZ20VALT1G Datasheet
142Kb / 7P
24 and 40 Watt Peak Power Zener Transient Voltage Suppressors
January, 2012 ??Rev. 13
MMBZ20VALT1G ONSEMI-MMBZ20VALT1G Datasheet
148Kb / 8P
Zener Diodes, 24 and 40 Watt Peak Power
August, 2016 ??Rev. 20
More results


Similar Description - MMBZ20VALT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBZ5V6ALT1 ONSEMI-MMBZ5V6ALT1 Datasheet
70Kb / 8P
24 and 40 Watt Peak Power Zener Transient Voltage Suppressors
August, 2004 ??Rev. 7
MMBZ15VDLT1 ONSEMI-MMBZ15VDLT1 Datasheet
50Kb / 8P
40 Watt Peak Power Zener Transient Voltage Suppressors
April, 2001 ??Rev. 5
MMBZ15VDLT1 ONSEMI-MMBZ15VDLT1_05 Datasheet
63Kb / 6P
40 Watt Peak Power Zener Transient Voltage Suppressors
July, 2005 ??Rev. 7
logo
Motorola, Inc
MMBZ5V6ALT1 MOTOROLA-MMBZ5V6ALT1_07 Datasheet
274Kb / 27P
SOT-23 Dual Monolithic Common Anode Zener Transient Voltage Suppressor For ESD Protection
logo
Leshan Radio Company
LMBZ6V8ALT1G LRC-LMBZ6V8ALT1G Datasheet
383Kb / 9P
24 and 40 Watt Peak Power Zener Transient Voltage Suppressors
logo
Rectron Semiconductor
CZMA4V7 RECTRON-CZMA4V7 Datasheet
32Kb / 1P
SOT-23 DUAL ZENER DIODE (Common Anode)
logo
ON Semiconductor
NZ23C5V6ALT1G ONSEMI-NZ23C5V6ALT1G Datasheet
150Kb / 7P
24 Watt Peak Power Zener Transient Voltage Suppressors SOT??3 Dual Common Anode Zeners for ESD Protection
December, 2009 ??Rev. 0
SZMMBZ27VCLT1G ONSEMI-SZMMBZ27VCLT1G Datasheet
114Kb / 5P
40 Watt Peak Power Zener Transient Voltage Suppressors
May, 2012 ??Rev. 12
SZMMBZ4252T1G ONSEMI-SZMMBZ4252T1G Datasheet
142Kb / 7P
24 and 40 Watt Peak Power Zener Transient Voltage Suppressors
January, 2012 ??Rev. 13
MMBZHXXXALT1G ONSEMI-MMBZHXXXALT1G Datasheet
135Kb / 7P
Zener Diodes, 24 and 40 Watt Peak Power SOT??3 Dual Common Anode Zeners
January, 2020 ??Rev. 0
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com