Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT4419D Datasheet (PDF) - Aeroflex Circuit Technology

ACT4419D Datasheet PDF - Aeroflex Circuit Technology
Part # ACT4419D
Download  ACT4419D Download
File Size   78.17 Kbytes
Page   6 Pages
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology
Description Dual Variable Amplitude Transceivers for MIL-STD-1553

ACT4419D Datasheet (PDF)

Go To PDF Page Download Datasheet
ACT4419D Datasheet PDF - Aeroflex Circuit Technology

Part # ACT4419D
Download  ACT4419D Click to download

File Size   78.17 Kbytes
Page   6 Pages
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology
Description Dual Variable Amplitude Transceivers for MIL-STD-1553

ACT4419D Datasheet (HTML) - Aeroflex Circuit Technology


ACT4419D Product details

General Description
The Aeroflex Circuit Technology model ACT4419D is a next generation D.I. monolithic transceiver which provides variable amplitude in full compliance with MIL-STD-1553 data bus requirements with the lowest standby power consumption available and one power supply operation.

Features
• World’s smallest and lowest standby power dual variable amplitude transceiver 0.3" x 1.2" packages
• Lowest standby power
• Dual transceiver meets military data bus requirements, MIL-STD-1553
• Low power dissipation at full output power
• Single +5V power supply
• Current source output
• Monolithic construction using Dielectrically Isolated (D.I.)
• Processed and screened to MIL-STD-883 specs
• Radiation Hard to 300 KRADS total dose
• DESC SMD pending
• +5V Control line




Similar Part No. - ACT4419D

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACT4419 AEROFLEX-ACT4419 Datasheet
90Kb / 6P
Single Supply Variable Amplitude Transceivers for MIL-STD-1553
ACT4419FP AEROFLEX-ACT4419FP Datasheet
90Kb / 6P
Single Supply Variable Amplitude Transceivers for MIL-STD-1553
More results


Similar Description - ACT4419D

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACT4418 AEROFLEX-ACT4418 Datasheet
75Kb / 7P
ACT4418 Molded Dual Variable Amplitude Transceivers for MACAIR A3818, A5690, A5232, A4905 & MIL-STD-1553
ACT4419 AEROFLEX-ACT4419 Datasheet
90Kb / 6P
Single Supply Variable Amplitude Transceivers for MIL-STD-1553
ACT4468D AEROFLEX-ACT4468D Datasheet
80Kb / 6P
ACT4468D Dual Transceivers for MIL-STD-1553
ARX4418 AEROFLEX-ARX4418 Datasheet
85Kb / 6P
ARX 4418 & 4417 Variable Amplitude Transceivers for MACAIR A3818, A5690, A5232, A4905 & MIL-STD-1553
logo
List of Unclassifed Man...
BUS-8559 ETC1-BUS-8559 Datasheet
811Kb / 4P
VARIABLE OUTPUT MIL-STD-1553 TRANSCEIVER
logo
Holt Integrated Circuit...
HI-1565 HOLTIC-HI-1565_13 Datasheet
88Kb / 10P
MIL-STD-1553 / 1760 5V Monolithic Dual Transceivers
HI-1567 HOLTIC-HI-1567_13 Datasheet
83Kb / 10P
MIL-STD-1553 / 1760 5V Monolithic Dual Transceivers
HI-1573 HOLTIC-HI-1573_13 Datasheet
85Kb / 11P
MIL-STD-1553 3.3V Monolithic Dual Transceivers
HI-1579 HOLTIC-HI-1579_13 Datasheet
83Kb / 10P
MIL-STD-1553 / 1760 3.3V Monolithic Dual Transceivers
HI-6110 HOLTIC-HI-6110_10 Datasheet
204Kb / 38P
MIL-STD-1553 / MIL-STD-1760 MIL-STD-1553 / MIL-STD-1760
More results




About Aeroflex Circuit Technology


Aeroflex Circuit Technology is a division of Aeroflex Holding Corp, a leading provider of high-performance microelectronic components and subsystems.
Aeroflex Circuit Technology specializes in the design and manufacture of high-quality circuit boards and components for the aerospace and defense, medical, and industrial markets.
The company offers a wide range of products including printed circuit boards (PCBs), microelectronics assemblies, and complete systems.
Aeroflex Circuit Technology is known for its expertise in advanced circuit technology, high-reliability products, and superior customer service.
The company has facilities in various locations across the United States and Europe.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com