Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT5101-1 Datasheet (PDF) - Aeroflex Circuit Technology

ACT5101-1 Datasheet PDF - Aeroflex Circuit Technology
Part # ACT5101-1
Download  ACT5101-1 Download
File Size   237.51 Kbytes
Page   12 Pages
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology
Description ACT5101-1 HIGH VOLTAGE 3-PHASE BRUSHLESS DC MOTOR DRIVE

ACT5101-1 Datasheet (PDF)

Go To PDF Page Download Datasheet
ACT5101-1 Datasheet PDF - Aeroflex Circuit Technology

Part # ACT5101-1
Download  ACT5101-1 Click to download

File Size   237.51 Kbytes
Page   12 Pages
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology
Description ACT5101-1 HIGH VOLTAGE 3-PHASE BRUSHLESS DC MOTOR DRIVE

ACT5101-1 Datasheet (HTML) - Aeroflex Circuit Technology


ACT5101-1 Product details

General Description
The ACT5101-1 high voltage 3 phase brushless DC motor drive combines a 500 VDC, 40A high power output stage along with low power digital input and gate drive stages. A digital lock-out feature protects the output stage from accidental cross-conduction thus preventing shoot-through conditions. The ACT5101-1 also includes a floating gate drive design for each upper and lower transistor. On-board gate drive supplies provide a continuous floating voltage for each upper and lower transistor, even during a motor stall.
   
Features
• 500 VDC RATING
• 40 AMP CONTINUOUS CURRENT (UP TO 85°C)
• PACKAGE SIZE 3.0" X 2.1" X 0.39"
• 4 QUADRANT CONTROL
• 6 STEP TRAPEZOIDAL DRIVE CAPABILITY
• MILITARY PROCESSING AVAILABLE
• MIL-PRF-38534 COMPLIANT CIRCUITS
    AVAILABLE
• ISOLATED UPPER AND LOWER GATE DRIVERS
• FULL MILITARY (-55°C TO +125°C) TEMPERATURE
    RANGE
   




Similar Part No. - ACT5101-1

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
ACT5101 QORVO-ACT5101 Datasheet
3Mb / 59P
23V Buck-Boost Converter with Integrated MOSFETs
Rev. E, November 2019
logo
Active-Semi, Inc
ACT5101QI101-T ACTIVE-SEMI-ACT5101QI101-T Datasheet
578Kb / 37P
23V Buck-Boost Converter with Integrated MOSFETs
Rev 1.0, 24-Apr-2018
logo
Qorvo, Inc
ACT5101QI102-T QORVO-ACT5101QI102-T Datasheet
3Mb / 59P
23V Buck-Boost Converter with Integrated MOSFETs
Rev. E, November 2019
ACT5101QI103-T QORVO-ACT5101QI103-T Datasheet
3Mb / 59P
23V Buck-Boost Converter with Integrated MOSFETs
Rev. E, November 2019
More results


Similar Description - ACT5101-1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9979 VISHAY-SI9979 Datasheet
270Kb / 7P
3-Phase Brushless DC Motor Controller
05-Apr-99
logo
International Rectifier
OM9369 IRF-OM9369 Datasheet
149Kb / 14P
FULL-FEATURED POWER MODULE FOR HIGH VOLTAGE DIRECT DRIVE OF 3-PHASE BRUSHLESS DC MOTOR
logo
Vishay Siliconix
SI9979 VISHAY-SI9979_04 Datasheet
122Kb / 9P
3-Phase Brushless DC Motor Controller
21-Jun-04
logo
ON Semiconductor
ENA2290 ONSEMI-ENA2290 Datasheet
413Kb / 20P
3-phase Brushless DC Motor Driver
March, 2014
logo
PADAUK Technology.
DF319 PADAUK-DF319 Datasheet
307Kb / 12P
3-Phase Brushless DC Motor Controller
DF329 PADAUK-DF329 Datasheet
744Kb / 17P
3-Phase Brushless DC Motor Controller
DF339 PADAUK-DF339 Datasheet
734Kb / 11P
3-Phase Brushless DC Motor Controller
MF520 PADAUK-MF520 Datasheet
619Kb / 12P
3-Phase Brushless DC Motor Controller
MF616 PADAUK-MF616 Datasheet
511Kb / 11P
3-Phase Brushless DC Motor Controller
logo
Vishay Siliconix
SI9979 VISHAY-SI9979_V01 Datasheet
331Kb / 10P
3-Phase Brushless DC Motor Controller
21-Jun-04
More results




About Aeroflex Circuit Technology


Aeroflex Circuit Technology is a division of Aeroflex Holding Corp, a leading provider of high-performance microelectronic components and subsystems.
Aeroflex Circuit Technology specializes in the design and manufacture of high-quality circuit boards and components for the aerospace and defense, medical, and industrial markets.
The company offers a wide range of products including printed circuit boards (PCBs), microelectronics assemblies, and complete systems.
Aeroflex Circuit Technology is known for its expertise in advanced circuit technology, high-reliability products, and superior customer service.
The company has facilities in various locations across the United States and Europe.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com