Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE4175 Datasheet (PDF) - Pasternack Enterprises, Inc.

PE4175 Datasheet PDF - Pasternack Enterprises, Inc.
Part # PE4175
Download  PE4175 Download
File Size   258.82 Kbytes
Page   3 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description SMC Jack Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing

PE4175 Datasheet (PDF)

Go To PDF Page Download Datasheet
PE4175 Datasheet PDF - Pasternack Enterprises, Inc.

Part # PE4175
Download  PE4175 Click to download

File Size   258.82 Kbytes
Page   3 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description SMC Jack Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing

PE4175 Datasheet (HTML) - Pasternack Enterprises, Inc.


PE4175 Product details

Description
Pasternack’s PE4175 SMC jack connector with solder attachment for thru hole PCB (.200 inch x .067 inch hole spacing) is part of our full line of RF components available for same-day shipping. Our SMC jack connector operates up to a maximum frequency of 10 GHz and offers good VSWR of 1.3:1.

Configuration
• SMC Jack Connector
• MIL-STD-348A
• 50 Ohms
• Straight Body Geometry
• Thru Hole Interface Type
• Solder Attachment

Features
• Max. Operating Frequency 10 GHz
• Good VSWR of 1.3:1
• Gold Plated Brass Contact
• 30 µin minimum contact plating

Applications
• General Purpose Test
• PCB Applications
.




Similar Part No. - PE4175

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4175 PASTERNACK-PE4175 Datasheet
347Kb / 3P
SMC Jack Connector Solder Attachment Thru Hole PCB
PE4175 PASTERNACK-PE4175_16 Datasheet
347Kb / 3P
SMC Jack Connector Solder Attachment Thru Hole PCB
More results


Similar Description - PE4175

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4369 PASTERNACK-PE4369 Datasheet
234Kb / 2P
75 Ohm SMC Plug Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
PE4110 PASTERNACK-PE4110 Datasheet
220Kb / 3P
75 Ohm SMB Jack Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
PE4174 PASTERNACK-PE4174 Datasheet
257Kb / 1P
SMB Jack Connector Solder Attachment Thru Hole PCB, .200 inch x 067 inch Hole Spacing
PE4367 PASTERNACK-PE4367 Datasheet
848Kb / 2P
SMC PLUG CONNECTOR CLAMP/SOLDER ATTACHMENT THRU HOLE PCB, .200 inch x .067 inch Hole Spacing
PE4177 PASTERNACK-PE4177 Datasheet
259Kb / 3P
SMB Jack Right Angle Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
PE4178 PASTERNACK-PE4178 Datasheet
259Kb / 3P
SMC Jack Right Angle Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
PE44303 PASTERNACK-PE44303 Datasheet
202Kb / 2P
MCX Jack Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
PE4180 PASTERNACK-PE4180 Datasheet
212Kb / 2P
75 Ohm SMC Jack Right Angle Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
PE44375 PASTERNACK-PE44375 Datasheet
203Kb / 2P
RP MCX Jack Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
PE4367 PASTERNACK-PE4367_16 Datasheet
316Kb / 3P
SMC Plug Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com