Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE4194 Datasheet (PDF) - Pasternack Enterprises, Inc.

PE4194 Datasheet PDF - Pasternack Enterprises, Inc.
Part # PE4194
Download  PE4194 Download
File Size   259.74 Kbytes
Page   2 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description SHV Plug Connector Crimp/Solder Attachment For RG58

PE4194 Datasheet (PDF)

Go To PDF Page Download Datasheet
PE4194 Datasheet PDF - Pasternack Enterprises, Inc.

Part # PE4194
Download  PE4194 Click to download

File Size   259.74 Kbytes
Page   2 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description SHV Plug Connector Crimp/Solder Attachment For RG58

PE4194 Datasheet (HTML) - Pasternack Enterprises, Inc.


PE4194 Product details

Description
Pasternack’s PE4194 SHV plug connector with crimp/solder attachment for RG58, RG303, RG141, PE-C195, PE-P195, LMR-195 and 0.195 inch is part of our full line of RF components available for same-day shipping. Our SHV plug connector operates up to a maximum frequency of 300 MHz and offers good VSWR of 1.3:1.

Configuration
• SHV Plug Connector
• MIL-STD-348A
• 50 Ohms
• Straight Body Geometry
• RG58, RG303, RG141, PE-C195, PE-P195, LMR-195, 0.195 inch Interface Type
• Crimp/Solder Attachment

Features
• Max. Operating Frequency 300 MHz
• Good VSWR of 1.3:1
• Gold Plated Brass Contact
• 30 µin minimum contact plating

Applications
• General Purpose Test
• Custom Cable Assemblies
.




Similar Part No. - PE4194

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4194 PASTERNACK-PE4194 Datasheet
354Kb / 3P
SHV Plug Connector Crimp/Solder Attachment
PE4194 PASTERNACK-PE4194_16 Datasheet
354Kb / 3P
SHV Plug Connector Crimp/Solder Attachment
More results


Similar Description - PE4194

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4301 PASTERNACK-PE4301 Datasheet
247Kb / 2P
Banana Plug Connector Crimp/Solder Attachment For RG58
PE4557 PASTERNACK-PE4557 Datasheet
220Kb / 3P
SMC Plug Right Angle Connector Crimp/ Solder Attachment For RG58
PE4558 PASTERNACK-PE4558 Datasheet
200Kb / 2P
SMC Plug Connector Crimp/Solder Attachment For RG58
PE44243 PASTERNACK-PE44243 Datasheet
252Kb / 2P
1.0/2.3 Plug Connector Crimp/Solder Attachment For RG58
PE4343 PASTERNACK-PE4343 Datasheet
267Kb / 3P
SHV Plug Connector Crimp - Solder Attachment For RG59, RG62
PE4523 PASTERNACK-PE4523 Datasheet
258Kb / 3P
SMB Plug Connector Crimp - Solder Attachment For RG58
PE44295 PASTERNACK-PE44295 Datasheet
458Kb / 2P
FME Plug Connector Crimp/Solder Attachment For RG58
PE4194 PASTERNACK-PE4194_16 Datasheet
354Kb / 3P
SHV Plug Connector Crimp/Solder Attachment
PE4343 PASTERNACK-PE4343_17 Datasheet
359Kb / 3P
SHV Plug Connector Crimp/Solder Attachment
PE4349 PASTERNACK-PE4349_16 Datasheet
356Kb / 3P
SHV Plug Connector Crimp/Solder Attachment
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com