Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CT1775 Datasheet (PDF) - Aeroflex Circuit Technology

CT1775 Datasheet PDF - Aeroflex Circuit Technology
Part # CT1775
Download  CT1775 Download
File Size   116.78 Kbytes
Page   6 Pages
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology
Description CT1775 Universal MacAir/1553 Dumb RTU Hybrid

CT1775 Datasheet (PDF)

Go To PDF Page Download Datasheet
CT1775 Datasheet PDF - Aeroflex Circuit Technology

Part # CT1775
Download  CT1775 Click to download

File Size   116.78 Kbytes
Page   6 Pages
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology
Description CT1775 Universal MacAir/1553 Dumb RTU Hybrid

CT1775 Datasheet (HTML) - Aeroflex Circuit Technology


CT1775 Product details

DESCRIPTION
The CT1775 Universal MACAIR/1553 Dumb Remote Terminal Unit (RTU) consists of a transceiver, and encoder/decoder, control logic, dual rank I/O registers and internal clock oscillator packaged in a 1.6" x 1.9" hermetic hybrid. It provides all the functions required to interface between a MACAIR (sinusodial) or MIL-STD-1553 (Trapezoidal) serial MUX data bus and a subsystem parallel 3-state data highway. Utilizing several ASIC ICs, the CT1775 provides sufficient handshaking, control and data lines to permit versatile operation as a remote terminal, a bus controller or a bus monitor, in either single or dual redundant data bus configurations.

FEATURES
❑ CT1775 Replaces DDC BUS-65201
❑ Includes:
    - Universal Transceiver
    - Encoder/decoder
    - Dual Rank I/O Registers
    - Fail-safe Timer
    - Clock Oscillator
❑ Simple Controls for Single or Dual Redundant Data Bus Configurations
❑ Provides Flags for:
    - Own Address (With Parity)
    - Mode Code
    - Broadcast
    - Time Out
    - Valid Word
    - Sync Type
❑ 16 Bit or 8 Bit 3-State
    - Parallel I/O and Serial Out
❑ Wraparound Built-In Test
❑ MIL-PRF-38534 Compliant Circuits Available
❑ Packaging – Hermetic Metal
    - 68 Pin, 1.85" x 1.6" x .19" Plug-In Type Package




Similar Part No. - CT1775

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
CT1775 AEROFLEX-CT1775 Datasheet
184Kb / 14P
Universal MacAir/1553 Dumb RTU Hybrid PRELIMINARY DATA SHEET
More results


Similar Description - CT1775

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACT4808 AEROFLEX-ACT4808 Datasheet
106Kb / 8P
ACT4808 DUAL TRANSCEIVERS FOR MACAIR A3818, A5690, A5232, A4905 & MIL-STD-1553
ARX4404 AEROFLEX-ARX4404 Datasheet
95Kb / 6P
ARX4404 & 4407 Transceivers for MACAIR A3818, A5690, A5232, A4905 & MIL-STD-1553
ARX4808 AEROFLEX-ARX4808 Datasheet
141Kb / 6P
VARX4808 Dual Transceivers for MACAIR A3818, A5690, A5232, A4905 & MIL-STD-1553
ARX4810 AEROFLEX-ARX4810 Datasheet
91Kb / 6P
ARX4810 & 4810FP Universal Dual Transceivers for MIL-STD-1553 & MACAIR A3818, A5690, A5232 & A4905
CT3232 AEROFLEX-CT3232 Datasheet
103Kb / 8P
Low Power Driver /Receiver For MIL-STD-1553 & Macair
CT1775 AEROFLEX-CT1775 Datasheet
184Kb / 14P
Universal MacAir/1553 Dumb RTU Hybrid PRELIMINARY DATA SHEET
ACT4444 AEROFLEX-ACT4444 Datasheet
213Kb / 10P
Transceiver for MIL-STD-1553 /MACAIR in a Chipscale Package
ACT4404N AEROFLEX-ACT4404N Datasheet
165Kb / 8P
Single Transceiver for MACAIR (A3818, A4905, A5232, A5690), MIL-STD-1553 & SAE-AS15531
ACT4404N AEROFLEX-ACT4404N_07 Datasheet
165Kb / 9P
Single Transceiver for MACAIR (A3818, A4905, A5232, A5690), MIL-STD-1553 & SAE-AS15531
ACT4462D AEROFLEX-ACT4462D Datasheet
186Kb / 10P
Dual Transceiver Variable Amplitude Universal for H009 Specification or MacAir/1553/1760 Bus Operation
More results




About Aeroflex Circuit Technology


Aeroflex Circuit Technology is a division of Aeroflex Holding Corp, a leading provider of high-performance microelectronic components and subsystems.
Aeroflex Circuit Technology specializes in the design and manufacture of high-quality circuit boards and components for the aerospace and defense, medical, and industrial markets.
The company offers a wide range of products including printed circuit boards (PCBs), microelectronics assemblies, and complete systems.
Aeroflex Circuit Technology is known for its expertise in advanced circuit technology, high-reliability products, and superior customer service.
The company has facilities in various locations across the United States and Europe.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com