Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N5926B Datasheet (PDF) - Gaomi Xinghe Electronics Co., Ltd.

1N5926B Datasheet PDF - Gaomi Xinghe Electronics Co., Ltd.
Part # 1N5926B
Download  1N5926B Download
File Size   451.06 Kbytes
Page   3 Pages
Manufacturer  GXELECTRONICS [Gaomi Xinghe Electronics Co., Ltd.]
Direct Link  http://www.sddzg.com
Logo GXELECTRONICS - Gaomi Xinghe Electronics Co., Ltd.
Description GLAS S PASSIVA TED JUNC TION S ILICON ZENER DIODE VO LTA GE - 1 1 T O 200 Vo lts

1N5926B Datasheet (PDF)

Go To PDF Page Download Datasheet
1N5926B Datasheet PDF - Gaomi Xinghe Electronics Co., Ltd.

Part # 1N5926B
Download  1N5926B Click to download

File Size   451.06 Kbytes
Page   3 Pages
Manufacturer  GXELECTRONICS [Gaomi Xinghe Electronics Co., Ltd.]
Direct Link  http://www.sddzg.com
Logo GXELECTRONICS - Gaomi Xinghe Electronics Co., Ltd.
Description GLAS S PASSIVA TED JUNC TION S ILICON ZENER DIODE VO LTA GE - 1 1 T O 200 Vo lts

1N5926B Datasheet (HTML) - Gaomi Xinghe Electronics Co., Ltd.


1N5926B Product details

FEATURES

● Low profile package

● Built-in strain relief

● Glass passivated junction

● Low inductance

● Typical IR less than 1 £gA above 11V

● High temperature soldering : 260℃/10 seconds at terminals

● Plastic package has Underwriters Laboratory

   Flammability Classification 94V-O




Similar Part No. - 1N5926B

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1N5926B PANJIT-1N5926B Datasheet
81Kb / 3P
GLASS PASSIVATED JUNCTION SILICON ZENER DIODE(VOLTAGE - 11 TO 200 Volts Power - 1.5 Watts)
logo
Transys Electronics
1N5926B TRSYS-1N5926B Datasheet
204Kb / 3P
GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
logo
Jinan Gude Electronic D...
1N5926B JGD-1N5926B Datasheet
157Kb / 2P
1.5W SILICON ZENER DIODE
logo
Micro Commercial Compon...
1N5926B MCC-1N5926B Datasheet
124Kb / 4P
1.5 Watt Zener Diode 11 to 200 Volts
logo
Microsemi Corporation
1N5926B MICROSEMI-1N5926B Datasheet
89Kb / 3P
SILICON 1.5 WATT ZENER DIODES
More results


Similar Description - 1N5926B

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
G5M2111 ETL-G5M2111 Datasheet
751Kb / 5P
C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
GM62FP ETL-GM62FP Datasheet
1Mb / 7P
C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
GM2116 ETL-GM2116 Datasheet
395Kb / 4P
C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
GM6201 ETL-GM6201 Datasheet
1,004Kb / 8P
C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
GQ2123 ETL-GQ2123 Datasheet
559Kb / 7P
C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
GQ2141 ETL-GQ2141 Datasheet
773Kb / 5P
C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
GQ2171 ETL-GQ2171 Datasheet
755Kb / 5P
C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
logo
Microdiode Semiconducto...
RS5ABF CHENDA-RS5ABF Datasheet
609Kb / 2P
50 to 1000 Vo lts Forward Current - 5.0 Amperes
S5ABF CHENDA-S5ABF Datasheet
681Kb / 2P
50 to 1000 Vo lts Forward Current - 5.0 Amperes
logo
Shanghai Leiditech Elec...
S-10BJ LEIDITECH-S-10BJ Datasheet
1Mb / 6P
1000W Transi e nt Vo l t a ge S uppressor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com