Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R4400 Datasheet (PDF) - Aeroflex Circuit Technology

R4400 Datasheet PDF - Aeroflex Circuit Technology
Part # R4400
Download  R4400 Download
File Size   169.83 Kbytes
Page   11 Pages
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology
Description A MIPS R4400 RISC Microprocessor Multichip Module

R4400 Datasheet (PDF)

Go To PDF Page Download Datasheet
R4400 Datasheet PDF - Aeroflex Circuit Technology

Part # R4400
Download  R4400 Click to download

File Size   169.83 Kbytes
Page   11 Pages
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology
Description A MIPS R4400 RISC Microprocessor Multichip Module

R4400 Datasheet (HTML) - Aeroflex Circuit Technology


R4400 Product details

Description
The Aeroflex Circuit Technology “RISC TurboEngine” is a full military temperature range 64 bit, superpipelined RISC microprocessor with 1M Byte of secondary cache memory packaged in a high speed multichip module (MCM). The module contains the following components:
• (1) R4400SC/MC, a 3.3V powered RISC microprocessor.
• (11) SRAMs, 64K by 16.
• (3) Buffers and (3) Passive components for phase lock loop operation.
A Primary cache only version, the R4400PC is also available in the same package or 179 pin PGA

Electrical Features
• Low power dissipation, 3.3 Volt powered, 64 bit superpipelined RISC R4400 microprocessor
    - Highly integrated CPU with integer unit, FPA, MMU, I&D cache
    - Balanced integer & floating point performance
    - Exploits 2-level instruction-level parallelism
    - No issue restrictions on the instructions used
• Integer unit
    - 32 entry, 64 bit wide register
    - ALU
    - Dedicated multiplier/divider
• Super pipelined FPA
    - 32/16 entry 32/64 bit register file in a 32 bit mode
    - 32 entry 64 bit register file in 64 bit mode
    - Supports single and double precision.
    - Supports ANSI/IEEE Standard 754-1985
• Memory management unit
    - 48 entry TLB for fast virtual-to-physical address translation, software managed cntrl regstrs
    - Programmable page sizes from 4K bytes to 16M bytes
    - Total physical address space encompasses 64G bytes
    - One pair of pages per TLB entry, each programable in size from 4K bytes to 16M bytes
• JTAG boundary scan capability for testing module interconnects.
• Internal 1M byte secondary cache SRAM configured as a split cache with instruction and data sections separate. Can be factory configured as unified.
• Provides 16 bit ECC on secondary cache data line, 7 bit ECC on tag line.
• Minimum clock rate 50 mHz with no wait states.
• +3.3 Volt P.S.(10 Watts Max.power dissipation) operation is standard.

Mechanical Features
• Small sizes, 2.5”L X 1.75”W X 0.175”H, 280 pin surface mount flat package or alternate 1.86”L X 1.86”W X 0.145”H, 179 pin PGA Package.
• Full military operating temperature range of -55 °C to +125 °C, case temperature
• Designed to meet military specifications, manufactured and tested in Aeroflex’s MIL-PRF-38534 certified facility.




Similar Part No. - R4400

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
R4400 ETC1-R4400 Datasheet
1Mb / 754P
MIPS R4000 Microprocessor
More results


Similar Description - R4400

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
RM7000A PMC-RM7000A Datasheet
52Kb / 4P
64-Bit MIPS RISC Microprocessor with Integrated L2 Cache
RM7000B PMC-RM7000B Datasheet
36Kb / 2P
64-Bit MIPS RISC Microprocessor with Integrated L2 Cache
RM7000C PMC-RM7000C Datasheet
37Kb / 2P
64-Bit MIPS RISC Microprocessor with Integrated L2 Cache
RM7065A PMC-RM7065A Datasheet
52Kb / 4P
64-Bit MIPS RISC Microprocessor with Integrated L2 Cache
logo
List of Unclassifed Man...
WED3C7410E16M-400BX ETC-WED3C7410E16M-400BX Datasheet
261Kb / 13P
RISC Microprocessor Multichip Package
logo
White Electronic Design...
WED3C7410E16M-XBHX WEDC-WED3C7410E16M-XBHX Datasheet
456Kb / 15P
7410E RISC Microprocessor HiTCETM Multichip Package
WED3C7410E16M-XBX WEDC-WED3C7410E16M-XBX Datasheet
485Kb / 13P
RISC Microprocessor Multichip Package
WED3C7558M-XBX WEDC-WED3C7558M-XBX Datasheet
530Kb / 13P
RISC Microprocessor Multichip Package
logo
PMC-Sierra, Inc
RM7000A-1 PMC-RM7000A-1 Datasheet
38Kb / 2P
64-Bit MIPS RISC Microprocessor with Integrated L2 Cache
RM7065A-1 PMC-RM7065A-1 Datasheet
38Kb / 2P
64-Bit MIPS RISC Microprocessor with Integrated L2 Cache
More results




About Aeroflex Circuit Technology


Aeroflex Circuit Technology is a division of Aeroflex Holding Corp, a leading provider of high-performance microelectronic components and subsystems.
Aeroflex Circuit Technology specializes in the design and manufacture of high-quality circuit boards and components for the aerospace and defense, medical, and industrial markets.
The company offers a wide range of products including printed circuit boards (PCBs), microelectronics assemblies, and complete systems.
Aeroflex Circuit Technology is known for its expertise in advanced circuit technology, high-reliability products, and superior customer service.
The company has facilities in various locations across the United States and Europe.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com