Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1724 Datasheet (PDF) - Agere Systems

1724 Datasheet PDF - Agere Systems
Part # 1724
Download  1724 Download
File Size   154.34 Kbytes
Page   10 Pages
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems
Description Optical Amplifier Platform,1724-Type Eribium-Doped Fiber Amplifier(W Series)?

1724 Datasheet (PDF)

Go To PDF Page Download Datasheet
1724 Datasheet PDF - Agere Systems

Part # 1724
Download  1724 Click to download

File Size   154.34 Kbytes
Page   10 Pages
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems
Description Optical Amplifier Platform,1724-Type Eribium-Doped Fiber Amplifier(W Series)?

1724 Datasheet (HTML) - Agere Systems


1724 Product details

Description
The W1724-Type Erbium-Doped Fiber Amplifier (EDFA) has been designed for use in DWDM applications and offers the following performance features:
■ Flat gain profile over a wide temperature range
■ Low noise figure
■ High output power
■ Automatic gain lock
The versatile W1724-Type EDFA operates over a wide temperature range, exhibits extremely low power dissipation, and offers a variety of alarms and monitors. Optimum performance and system stability are supported through the use of optical isolation at the input and output. Optical input and output are through single-mode fiber pigtails terminated with optical connectors.

Features
■ Gain-flattened spectral response
■ High saturation output power, > 22 dBm
■ Low power consumption, < 12 W @ 45 °C
■ Low noise
■ Single 5 V operation
■ Wide input signal bandwidth
■ Wide operating temperature range, 0 °C to 65 °C
■ Optical input and output taps
■ Isolated input and output
■ Programmable input and output monitors
■ Connectorized single-mode fiber pigtail
■ Standard serial communication channels

Applications
■ Designed specifically for DWDM applications
■ Booster/power amplifier
■ Line amplifier




Similar Part No. - 1724

ManufacturerPart #DatasheetDescription
logo
Heyco.
1724 HEYCO-1724 Datasheet
157Kb / 1P
Snap-In Universal Strain Relief Bushings
logo
PHOENIX CONTACT
1724013 PHOENIX-1724013 Datasheet
172Kb / 6P
MK3DS 1,5/ 2-5,08
1724026 PHOENIX-1724026 Datasheet
147Kb / 5P
MK3DS 1,5/ 3-5,08
logo
Molex Electronics Ltd.
1724051108 MOLEX1-1724051108 Datasheet
27Kb / 2P
Impel Plus 92 Ohm, 3-Pair Right-Angle Male, 1.90mm Pitch, Unguided, 10 Columns, 60 Circuits
logo
Carnhill Group
1724095 OEP-1724095 Datasheet
225Kb / 2P
Specification for A262A1E
27/03/09
More results


Similar Description - 1724

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
OAB1552-20FP0 JDSU-OAB1552-20FP0 Datasheet
90Kb / 3P
Benchtop Erbium-Doped Fiber Amplifier
logo
Emcore Corporation
NMOA8100 EMCORE-NMOA8100 Datasheet
105Kb / 4P
Erbium Doped Fiber Amplifier
PONA30 EMCORE-PONA30 Datasheet
809Kb / 5P
Erbium Doped Fiber Amplifier
MAFA-1000 EMCORE-MAFA-1000 Datasheet
533Kb / 5P
MAFA 1000 Series Erbium Doped Fiber Micro Amplifier
MAFA-2000 EMCORE-MAFA-2000 Datasheet
394Kb / 4P
Erbium Doped Fiber Micro Amplifier
MAFA-3000 EMCORE-MAFA-3000 Datasheet
328Kb / 4P
Erbium Doped Fiber Micro Amplifier
NMOA8100 EMCORE-NMOA8100_12 Datasheet
473Kb / 4P
Erbium Doped Fiber Amplifier
PONA30 EMCORE-PONA30_12 Datasheet
563Kb / 6P
Erbium Doped Fiber Amplifier
PONA-2100 EMCORE-PONA-2100 Datasheet
481Kb / 4P
Erbium Doped Fiber Amplifier (EDFA)
MAFA-2100-PA1 EMCORE-MAFA-2100-PA1 Datasheet
406Kb / 3P
Micro Erbium Doped Fiber pre-Amplifier
More results




About Agere Systems


Agere Systems was a semiconductor company that specialized in providing integrated circuits (ICs) for telecommunications and storage applications. The company was founded in 2000 as a spin-off from Lucent Technologies, and was headquartered in Allentown, Pennsylvania, USA.

Agere Systems' product portfolio included ICs for wireless communication, networking, and storage applications. These products were used in a wide range of devices, including mobile phones, routers, switches, and data storage devices.

Agere Systems was known for its innovation and expertise in advanced semiconductor technologies, such as copper-based interconnects and silicon germanium (SiGe) technology. The company also had a strong focus on research and development, and held numerous patents in semiconductor design and manufacturing.

In 2005, Agere Systems was acquired by LSI Corporation, which later became part of Avago Technologies. Today, the technology and products developed by Agere Systems continue to be used in a variety of telecommunications and storage applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com