Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7810 Datasheet (PDF) - Agere Systems

7810 Datasheet PDF - Agere Systems
Part # 7810
Download  7810 Download
File Size   49.39 Kbytes
Page   4 Pages
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems
Description 7810 Video Receiver Module

7810 Datasheet (PDF)

Go To PDF Page Download Datasheet
7810 Datasheet PDF - Agere Systems

Part # 7810
Download  7810 Click to download

File Size   49.39 Kbytes
Page   4 Pages
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems
Description 7810 Video Receiver Module

7810 Datasheet (HTML) - Agere Systems


7810 Product details

Description
The 7810 video receiver is a single-mode fiber pigtailed module featuring a low-noise, impedance matched broadband photodiode and RF amplification.
The device receives optical analog and/or digital signals for a range of video broadcast options, and delivers the corresponding RF electrical output. The wide bandwidth supports the delivery of up to 110 CATV analog signals or combination of analog and digital channels (80/30, for example), including HDTV broadcast.
The 7810 exhibits excellent distortion performance with values well above standards over the entire bandwidth and temperature specifications (40 MHz—1000 MHz, –40 °C to +85 °C).
Moreover, the advanced impedance-match circuitry between the photodetector and RF amplification stages resolves a number of OEM design obstacles with very low typical noise performance value, not exceeding 4.5 pA/√Hz.
The 7810 video receiver can be used in both 1310 nm and 1550 applications, being useful at different points of a given network.

Features
■ Wide 40 MHz—1000 MHz bandwidth supports as
   many as 110 CATV analog channels or a combination of
   analog/digital channels (e.g., 80/30), including HDTV broadcast
■ Excellent frequency and distortion characteristics for high linearity
■ Low noise (4.5 pA/√Hz, typ.), low power dissipation
   (1.35 W max.), as well as high RF output
■ Internal impedance-match circuitry (75 Ω)
■ Robust, small package with single-mode fiber pigtail and connector options
■ Wide operating temperature range, –40 °C to +85 °C

Applications
■ Video signal distribution in HFC and FTTx nodes
■ Video overlay in passive optical networks (PON)




Similar Part No. - 7810

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
7810 SEMTECH_ELEC-7810 Datasheet
217Kb / 3P
3-terminal 1 A positive voltage regulator
logo
Foshan Blue Rocket Elec...
7810 FOSHAN-7810 Datasheet
1Mb / 6P
Voltage Regulator in a TO-220 Plastic Package
logo
Silicon Supplies
7810 SS-7810 Datasheet
310Kb / 4P
Linear Voltage Regulator
Rev 1.1 17/07/25
7810 SS-7810 Datasheet
310Kb / 4P
Linear Voltage Regulator
Rev 1.1 17/07/25
7810 SS-7810 Datasheet
350Kb / 4P
Linear Voltage Regulator
Rev 2.1 17/07/25
More results


Similar Description - 7810

ManufacturerPart #DatasheetDescription
logo
AUK corp
SRM356VF AUK-SRM356VF Datasheet
59Kb / 5P
Receiver Module
logo
List of Unclassifed Man...
L51ROPT1D1 ETC1-L51ROPT1D1 Datasheet
1Mb / 14P
RECEIVER MODULE
logo
New Japan Radio
NJM2507 NJRC-NJM2507 Datasheet
115Kb / 6P
VIDEO DIFFERENTIAL INPUT RECEIVER
logo
RF Micro Devices
RFRX8888 RFMD-RFRX8888 Datasheet
1Mb / 14P
xPON Video Receiver
logo
TriQuint Semiconductor
QPB8888 TRIQUINT-QPB8888 Datasheet
1Mb / 12P
xPON Video Receiver
logo
Directed Energy, Inc.
PCO-7810 DEI-PCO-7810 Datasheet
172Kb / 2P
PCO-7810 FIXED PULSE WIDTH LASER DIODE DRIVER MODULE
logo
Qorvo, Inc
QPL7434 QORVO-QPL7434 Datasheet
1Mb / 11P
xPON Video Receiver
QPB8888 QORVO-QPB8888 Datasheet
1Mb / 12P
xPON Video Receiver
QPB7432 QORVO-QPB7432 Datasheet
2Mb / 26P
FTTH xPON Video Receiver
QPB7432 QORVO-QPB7432_V01 Datasheet
2Mb / 26P
FTTH xPON Video Receiver
3 Sep 2021
More results




About Agere Systems


Agere Systems was a semiconductor company that specialized in providing integrated circuits (ICs) for telecommunications and storage applications. The company was founded in 2000 as a spin-off from Lucent Technologies, and was headquartered in Allentown, Pennsylvania, USA.

Agere Systems' product portfolio included ICs for wireless communication, networking, and storage applications. These products were used in a wide range of devices, including mobile phones, routers, switches, and data storage devices.

Agere Systems was known for its innovation and expertise in advanced semiconductor technologies, such as copper-based interconnects and silicon germanium (SiGe) technology. The company also had a strong focus on research and development, and held numerous patents in semiconductor design and manufacturing.

In 2005, Agere Systems was acquired by LSI Corporation, which later became part of Avago Technologies. Today, the technology and products developed by Agere Systems continue to be used in a variety of telecommunications and storage applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com