Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP50G60SW-HF Datasheet (PDF) - Advanced Power Electronics Corp.

AP50G60SW-HF Datasheet PDF - Advanced Power Electronics Corp.
Part # AP50G60SW-HF
Download  AP50G60SW-HF Download
File Size   91.2 Kbytes
Page   3 Pages
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.
Description High Speed Switching

AP50G60SW-HF Datasheet (PDF)

Go To PDF Page Download Datasheet
AP50G60SW-HF Datasheet PDF - Advanced Power Electronics Corp.

Part # AP50G60SW-HF
Download  AP50G60SW-HF Click to download

File Size   91.2 Kbytes
Page   3 Pages
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.
Description High Speed Switching

AP50G60SW-HF Datasheet (HTML) - Advanced Power Electronics Corp.


AP50G60SW-HF Product details

VCES 600V

IC 45A



Features

▼ High Speed Switching

▼ Low Saturation Voltage

VCE(sat),Typ.=2.6V@IC=33A

▼ Built-in Fast Recovery Diode

▼ RoHS Compliant & Halogen-Free




Similar Part No. - AP50G60SW-HF

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP50G60SW-HF A-POWER-AP50G60SW-HF_14 Datasheet
91Kb / 3P
High Speed Switching
More results


Similar Description - AP50G60SW-HF

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SGF40N60 FAIRCHILD-SGF40N60 Datasheet
357Kb / 8P
High Speed Switching
logo
KEC(Korea Electronics)
KDR552F KEC-KDR552F Datasheet
28Kb / 2P
HIGH SPEED SWITCHING
KGT15N120NDS KEC-KGT15N120NDS Datasheet
1Mb / 7P
High speed switching
logo
Toshiba Semiconductor
CES520 TOSHIBA-CES520 Datasheet
124Kb / 5P
High-Speed Switching
CUS08F30 TOSHIBA-CUS08F30 Datasheet
127Kb / 5P
High-Speed Switching
logo
Fairchild Semiconductor
FGAF40N60UFTU FAIRCHILD-FGAF40N60UFTU Datasheet
288Kb / 7P
High Speed Switching
FGL40N120ANTU FAIRCHILD-FGL40N120ANTU Datasheet
543Kb / 7P
High speed switching
logo
Advanced Power Electron...
AP30G100W A-POWER-AP30G100W_14 Datasheet
220Kb / 4P
High speed switching
AP30G120BSW-HF A-POWER-AP30G120BSW-HF_14 Datasheet
104Kb / 4P
High Speed Switching
AP30G120SW A-POWER-AP30G120SW_14 Datasheet
93Kb / 3P
High Speed Switching
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com