Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE4104 Datasheet (PDF) - Pasternack Enterprises, Inc.

PE4104 Datasheet PDF - Pasternack Enterprises, Inc.
Part # PE4104
Download  PE4104 Download
File Size   334.68 Kbytes
Page   3 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description 3/4 inch-20 Twinax Male Connector Clamp/Solder Attachment For PE-S330

PE4104 Datasheet (PDF)

Go To PDF Page Download Datasheet
PE4104 Datasheet PDF - Pasternack Enterprises, Inc.

Part # PE4104
Download  PE4104 Click to download

File Size   334.68 Kbytes
Page   3 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description 3/4 inch-20 Twinax Male Connector Clamp/Solder Attachment For PE-S330

PE4104 Datasheet (HTML) - Pasternack Enterprises, Inc.


PE4104 Product details

Description
Pasternack’s PE4104 3/4 inch-20 Twinax male connector clamp/solder attachment for PE-S330 is part of our full line of RF components available for same-day shipping. Our 3/4 inch-20 Twinax male connector operates up to a maximum frequency of 200 MHz.
Our 95 ohm 3/4 inch-20 Twinax male connector PE4104 datasheet specifications and drawing with dimensions are shown below in this PDF. Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure and customize their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply create a custom cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly build your custom cable connector assemblies for you and ship same-day.

Configuration
• 3/4”-20 Twinax Male Connector
• 95 Ohms
• Straight Body Geometry
• PE-S330 Interface Type
• Clamp/Solder Attachment

Features
• Max. Operating Frequency 200 MHz
• Gold Plated Brass Contact
• 30 µin minimum contact plating

Applications
• General Purpose Test
• Custom Cable Assemblies




Similar Part No. - PE4104

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4104 PASTERNACK-PE4104 Datasheet
432Kb / 3P
3/4 inch-20 Twinax Male Connector Clamp/Solder Attachment
PE4104 PASTERNACK-PE4104_16 Datasheet
432Kb / 3P
3/4 inch-20 Twinax Male Connector Clamp/Solder Attachment
More results


Similar Description - PE4104

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3930-1200 PASTERNACK-PE3930-1200 Datasheet
119Kb / 1P
3/4-20 THREAD TWINAX MALE TO 3/4-20 THREADED TWINAX MALE 100 OHM PE-S330 TWINAXIAL CABLE
PE3930LF PASTERNACK-PE3930LF Datasheet
119Kb / 1P
3/4"-20 THREADED TWINAX MALE TO, 3/4"-20 THREADED TWINAX MALE, 100 OHM, PE-S330 TWINAXIAL CABLE
PE4346 PASTERNACK-PE4346 Datasheet
327Kb / 2P
3/4 inch-20 Twinax Female Connector Clamp/Solder Attachment For PE-S330
PE44046 PASTERNACK-PE44046 Datasheet
312Kb / 3P
N Male Connector Clamp/Solder Attachment For PE-C500
PE3930 PASTERNACK-PE3930 Datasheet
119Kb / 1P
3/4-20 THREADED TWINAX MALE TO 3/4 -20 THREADED TWINAX MALE 100 OHM PE-S330 TWINAXIAL CALBE
PE44063 PASTERNACK-PE44063 Datasheet
310Kb / 3P
TNC Male Connector Clamp - Solder Attachment For RG8X, PE-C240, 0.240 inch
PE3930 PASTERNACK-PE3930_15 Datasheet
364Kb / 4P
3/4 inch-20 Twinax Male to 3/4 inch-20 Twinax Male Cable
PE3930LF PASTERNACK-PE3930LF_15 Datasheet
364Kb / 4P
3/4 inch-20 Twinax Male to 3/4 inch-20 Twinax Male Cable
PE4104 PASTERNACK-PE4104_16 Datasheet
432Kb / 3P
3/4 inch-20 Twinax Male Connector Clamp/Solder Attachment
PE4347 PASTERNACK-PE4347_16 Datasheet
325Kb / 3P
3/4 inch-20 Twinax Female Connector Solder Attachment
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com