Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A1112PC Datasheet (PDF) - Agere Systems

A1112PC Datasheet PDF - Agere Systems
Part # A1112PC
Download  A1112PC Download
File Size   53.66 Kbytes
Page   6 Pages
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems
Description A1112 High-Power 1550 nm DFB Source Lasers

A1112PC Datasheet (PDF)

Go To PDF Page Download Datasheet
A1112PC Datasheet PDF - Agere Systems

Part # A1112PC
Download  A1112PC Click to download

File Size   53.66 Kbytes
Page   6 Pages
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems
Description A1112 High-Power 1550 nm DFB Source Lasers

A1112PC Datasheet (HTML) - Agere Systems


A1112PC Product details

Description
The A1112 1550 nm DFB laser modules are high power devices in a 14-pin butterfly package with a thermoelectric cooler and monitor photodiode. The lasers are designed to be used in conjunction with commercially available external modulators for high performance analog and digital applications. Agere Systems Inc. offers modules with 30 mW or 40 mW output power coupled into polarization-preserving fiber. The A1112 operates with positive or negative bias.

Features
■ High fiber-coupled power, 30 mW and 40 mW
■ Narrow linewidth, <3 MHz
■ Low relative intensity noise, < –162 dB/Hz
■ Coupled to polarization-preserving (PANDA-type fiber)

Applications
■ Externally modulated CATV transmitters
■ Externally modulated analog and digital communication links




Similar Part No. - A1112PC

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
A1112RW MPD-A1112RW Datasheet
171Kb / 2P
Miniature, 10W DIP Single & Dual Output DC/DC Converters
More results


Similar Description - A1112PC

ManufacturerPart #DatasheetDescription
logo
NEC
NX8503BG NEC-NX8503BG Datasheet
98Kb / 5P
NECs 1550 nm InGaAsP MQW DFB LASER DIODE
logo
List of Unclassifed Man...
DL-5100S ETC1-DL-5100S Datasheet
106Kb / 2P
1550 nm DFB LASER DIODES
logo
California Eastern Labs
NX8571 CEL-NX8571 Datasheet
793Kb / 14P
1550 nm CW LIGHT SOURCE InGaAsP MQW-DFB LASER DIODE MODULE WITH WAVELENGTH MONITOR
logo
Optoway Technology Inc
DL-5100 OPTOWAY-DL-5100 Datasheet
112Kb / 2P
1550 nm DFB LASER DIODES MQW-DFB LASER DIODES
logo
Source Photonics, Inc.
C-15-DFBA-PB-SFCHI SOURCE-C-15-DFBA-PB-SFCHI Datasheet
383Kb / 3P
Analog 1550 nm MQW-DFB Laser Diode Module
logo
Agilent(Hewlett-Packard...
81663A HP-81663A Datasheet
181Kb / 5P
DFB Laser Fabry-Perot Lasers
logo
Optoway Technology Inc
DL-5100 OPTOWAY-DL-5100_07 Datasheet
120Kb / 3P
1550 nm DFB LASER DIODES MQW-DFB LASER DIODES
logo
Emcore Corporation
1751A EMCORE-1751A Datasheet
658Kb / 6P
1550 nm DWDM DFB Laser Module
1742 EMCORE-1742 Datasheet
719Kb / 4P
1742 18 GHz 1550 nm Microwave DFB Laser
1751A EMCORE-1751A_13 Datasheet
658Kb / 6P
1751A 1550 nm DWDM DFB Laser Module
More results




About Agere Systems


Agere Systems was a semiconductor company that specialized in providing integrated circuits (ICs) for telecommunications and storage applications. The company was founded in 2000 as a spin-off from Lucent Technologies, and was headquartered in Allentown, Pennsylvania, USA.

Agere Systems' product portfolio included ICs for wireless communication, networking, and storage applications. These products were used in a wide range of devices, including mobile phones, routers, switches, and data storage devices.

Agere Systems was known for its innovation and expertise in advanced semiconductor technologies, such as copper-based interconnects and silicon germanium (SiGe) technology. The company also had a strong focus on research and development, and held numerous patents in semiconductor design and manufacturing.

In 2005, Agere Systems was acquired by LSI Corporation, which later became part of Avago Technologies. Today, the technology and products developed by Agere Systems continue to be used in a variety of telecommunications and storage applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com