Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BTF1A Datasheet (PDF) - Agere Systems

BTF1A Datasheet PDF - Agere Systems
Part # BTF1A
Download  BTF1A Download
File Size   252.69 Kbytes
Page   16 Pages
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems
Description Dual Differential Transceiver BTF1A With Idle Bus Indicator

BTF1A Datasheet (PDF)

Go To PDF Page Download Datasheet
BTF1A Datasheet PDF - Agere Systems

Part # BTF1A
Download  BTF1A Click to download

File Size   252.69 Kbytes
Page   16 Pages
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems
Description Dual Differential Transceiver BTF1A With Idle Bus Indicator

BTF1A Datasheet (HTML) - Agere Systems


BTF1A Product details

Description
The BTF1A device is a dual differential transceiver circuit that transmits and receives digital data over balanced transmission lines and is compatible with Lucent Technologies Microelectronics Group differential drivers and receivers. It is designed to provide a strong logic zero when in the third state.

Features
Driver Features
■ Produces a logic zero in third state
■ 400 mV difference voltage in third state
■ Two line drivers per package
■ Logic to convert TTL input logic levels to differential, pseudo-emmiter coupled logic (ECL) output logic levels
■ No line loading when VCC = 0 V
■ High output driver for 50 Ω loads
■ 200 mA short-circuit current (typical)
■ 2.0 ns maximum propagation delay
■ <0.2 ns output skew (typical)

Receiver Features
■ Two line receivers per package
■ High input impedance ≅ 8 kΩ
■ Logic that converts differential input logic levels to TTL output logic levels
■ 4.0 ns maximum propagation delay
■ <0.20 V input sensitivity (typical)
■ −1.2 V to +7.2 V common-mode range

Common Device Features
■ Common enable for each driver/receiver pair
■ Operating temperature range: –40 °C to +125 °C (wider than the 41 Series)
■ Single 5.0 V ± 5% supply
■ 400 Mbits/s maximum data rate
■ Meets enhanced small device interface (ESDI) standards
■ Electrostatic discharge (ESD) performance better than the 41 Series
■ Lower power requirement than the 41 Series




Similar Part No. - BTF1A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BTF101 ETC2-BTF101 Datasheet
76Kb / 1P
TNC ADAPTER, BULKHEAD, HERMETICALLY SEALED, 50 OHM
BTF175 ETC2-BTF175 Datasheet
80Kb / 1P
THC ADAPTER, BULKHEAD, HERMETICALLY SEALED, 75 OHM
More results


Similar Description - BTF1A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65ALS1176 TI-SN65ALS1176 Datasheet
166Kb / 12P
DIFFERENTIAL BUS TRANSCEIVER
logo
Burr-Brown (TI)
ISO422 BURR-BROWN-ISO422 Datasheet
251Kb / 8P
DIFFERENTIAL BUS TRANSCEIVER
logo
Texas Instruments
SN65LBC182 TI-SN65LBC182 Datasheet
290Kb / 15P
DIFFERENTIAL BUS TRANSCEIVER
SN65LBC182 TI-SN65LBC182_07 Datasheet
335Kb / 18P
DIFFERENTIAL BUS TRANSCEIVER
SN65LBC182 TI-SN65LBC182_01 Datasheet
189Kb / 13P
DIFFERENTIAL BUS TRANSCEIVER
SN65LBC176A-EP TI1-SN65LBC176A-EP Datasheet
410Kb / 17P
DIFFERENTIAL BUS TRANSCEIVER
TL3695 TI1-TL3695_12 Datasheet
507Kb / 20P
DIFFERENTIAL BUS TRANSCEIVER
SN65LBC176QDRQ1 TI1-SN65LBC176QDRQ1 Datasheet
741Kb / 14P
DIFFERENTIAL BUS TRANSCEIVER
logo
Linear Technology
LTC1485 LINER-LTC1485_15 Datasheet
188Kb / 12P
Differential Bus Transceiver
logo
Texas Instruments
SN65LBC176-Q1 TI1-SN65LBC176-Q1 Datasheet
791Kb / 15P
DIFFERENTIAL BUS TRANSCEIVER
More results




About Agere Systems


Agere Systems was a semiconductor company that specialized in providing integrated circuits (ICs) for telecommunications and storage applications. The company was founded in 2000 as a spin-off from Lucent Technologies, and was headquartered in Allentown, Pennsylvania, USA.

Agere Systems' product portfolio included ICs for wireless communication, networking, and storage applications. These products were used in a wide range of devices, including mobile phones, routers, switches, and data storage devices.

Agere Systems was known for its innovation and expertise in advanced semiconductor technologies, such as copper-based interconnects and silicon germanium (SiGe) technology. The company also had a strong focus on research and development, and held numerous patents in semiconductor design and manufacturing.

In 2005, Agere Systems was acquired by LSI Corporation, which later became part of Avago Technologies. Today, the technology and products developed by Agere Systems continue to be used in a variety of telecommunications and storage applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com